Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA80BC0WT-V5 Fiches technique(PDF) 9 Page - Rohm

No de pièce BA80BC0WT-V5
Description  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WT-V5 Fiches technique(HTML) 9 Page - Rohm

Back Button BA80BC0WT-V5 Datasheet HTML 2Page - Rohm BA80BC0WT-V5 Datasheet HTML 3Page - Rohm BA80BC0WT-V5 Datasheet HTML 4Page - Rohm BA80BC0WT-V5 Datasheet HTML 5Page - Rohm BA80BC0WT-V5 Datasheet HTML 6Page - Rohm BA80BC0WT-V5 Datasheet HTML 7Page - Rohm BA80BC0WT-V5 Datasheet HTML 8Page - Rohm BA80BC0WT-V5 Datasheet HTML 9Page - Rohm BA80BC0WT-V5 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
9/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
(Unit : mm)
TO220FP-3
23
1
φ3.2±0.1
0.55
2.54
±0.5
0.8
2.54
±0.5
1.3
−0.1
+0.3
10.0
7.0
−0.1
+0.3
2.6
±0.5
−0.05
+0.1
+0.2
−0.1
−0.1
+0.3
4.5
2.8
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube
(Unit : mm)
TO220FP-5
7.0
10.0
2.8
4.5
1.778
0.5
±0.1
1.2
0.8
φ3.2±0.1
+0.3
−0.1
−0.1
+0.2
+0.3
−0.1
+0.3
−0.1
2345
1
2.85
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube
(Unit : mm)
TO220FP-5(V5)
7.0
10.0
1.778
123 4 5
1.2
0.8
φ3.2±0.1
+ 0.3
− 0.1
+ 0.3
− 0.1
2.8
4.5
0.5
±0.1
−0.1
+0.2
+0.3
−0.1
(2.85)
4.25
8.15
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube


Numéro de pièce similaire - BA80BC0WT-V5

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA80BC0WT-V5 ROHM-BA80BC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results

Description similaire - BA80BC0WT-V5

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com