Moteur de recherche de fiches techniques de composants électroniques |
|
BAJ2DD0WT Fiches technique(PDF) 1 Page - Rohm |
|
BAJ2DD0WT Fiches technique(HTML) 1 Page - Rohm |
1 / 12 page 1/11 www.rohm.com 2011.03 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. Standard LDO Regulators Standard Fixed Output LDO Regulators BA□□DD0 Series, BA□□CC0 Series Standard Fixed Output LDO Regulators with Shutdown Switch BA□□DD0W and,BA□□CC0W Series ● Description Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A / 1A. ROHM has a wide output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in the power supply line of the IC. ● Features 1) Maximum output current : 2A (BA□□DD0),1A(BA□□CC0) 2) ±1% highly accurate output voltage (BA□□DD0) 3) Low saturation with PNP output 4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits 5) Built-in thermal shutdown circuit for protecting the IC from damage due to overloading 6) Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges 7) TO220FP and HRP5 packaging (BA□□DD0) ,TO220FP and TO252 packaging(BA□□CC0) ● Applications Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device No.11021ECT01 |
Numéro de pièce similaire - BAJ2DD0WT |
|
Description similaire - BAJ2DD0WT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |