Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3472FV Fiches technique(PDF) 10 Page - Rohm

No de pièce BA3472FV
Description  High Speed with High Voltage Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3472FV Fiches technique(HTML) 10 Page - Rohm

Back Button BA3472FV Datasheet HTML 6Page - Rohm BA3472FV Datasheet HTML 7Page - Rohm BA3472FV Datasheet HTML 8Page - Rohm BA3472FV Datasheet HTML 9Page - Rohm BA3472FV Datasheet HTML 10Page - Rohm BA3472FV Datasheet HTML 11Page - Rohm BA3472FV Datasheet HTML 12Page - Rohm BA3472FV Datasheet HTML 13Page - Rohm BA3472FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Note
10/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
Reference Data BA3472R family
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-3
-2
-1
0
1
2
3
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
Fig.47
ディレーティングカーブ
Fig.48
回路電流 - 電源電圧特性
Fig.49
回路電流 - 温度特性
Fig.50
High レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.51
High レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.52
Low レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.53
Low レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.54
出力ソース電流-VCC-VOUT電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.55
出力シンク電流-VOUT-VEE電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.56
入力オフセット電圧-同相入力電圧特性
(VCC/VEE=15[V]/-15[V])
Fig.57
入力オフセット電圧-電源電圧特性
Fig.58
入力オフセット電圧-温度特性
BA3472R ファミリ
0.1
1.0
10.0
100.0
00.5
11.52
2.53
VCC-VOUT電圧差[V]
BA3472R ファミリ
5V
-3
-2
-1
0
1
2
3
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE[℃]
36V
30V
5V
BA3472R ファミリ
0.1
1.0
10.0
100.0
00.51 1.5 22.533.5 44.55
VOUT-VEE電圧差[V]
-40℃ 25℃
BA3472R ファミリ
105℃
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
3V
30V
36V
BA3472R ファミリ
5V
0
5
10
15
20
25
30
35
40
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [℃]
36V
3V
BA3472R ファミリ
30V
5V
3V
BA3472R ファミリ
30V
36V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
25℃
-40℃
BA3472R ファミリ
105℃
0
5
10
15
20
25
30
35
40
0
1020
3040
SUPPLY VOLTAGE[V]
BA3472R ファミリ
25℃
-40℃
105℃
105℃
-40℃
25℃
105℃
-5
-4
-3
-2
-1
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
COMMON MODE INPUT VOLTAGE[V]
BA3472R ファミリ
-40℃
25℃
105℃
25℃
BA3472R ファミリ
-40℃
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE[V]
BA3472R ファミリ
25℃
105℃
-40℃
0
200
400
600
800
025
50
75
100
125
AMBIENT TEMPERATURE[℃]
105
BA3472RFVM
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
BA3472R family
Fig.47
Derating Curve
Fig.49
Supply Current - Ambient Temperature
Fig.50
High level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.51
High level Output Voltage
- Ambient Temperature
(RL=10[kΩ])
Fig.52
Low level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.53
Low level Output Voltage
- Ambient Temperature
(RL=10[kΩ])
BA3472R family
Fig.54
Output Source Current - (VCC-VOUT)
(VCC/VEE=5[V]/0[V])
Fig.55
Output Source Current - (VOUT-VEE)
(VCC/VEE=5[V]/0[V])
Fig.57
Input Offset Voltage - Supply voltage
Fig.58
Input Offset Voltage - Ambient Temperature
VCC-VOUT [V]
VOUT-VEE [V]
Fig.48
Supply Current - Supply Voltage
Fig.56
Input Offset Voltage
- Common Model Input Voltage
(VCC/VEE=15[V]/-15[V])
(*)The data above is ability value of sample, it is not guaranteed


Numéro de pièce similaire - BA3472FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3472FV ROHM-BA3472FV Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA3472FV ROHM-BA3472FV Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472FV ROHM-BA3472FV Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472FV-E2 ROHM-BA3472FV-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472FV-E2 ROHM-BA3472FV-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

Description similaire - BA3472FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com