Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA33JC5T Fiches technique(PDF) 2 Page - Rohm

No de pièce BA33JC5T
Description  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA33JC5T Fiches technique(HTML) 2 Page - Rohm

  BA33JC5T Datasheet HTML 1Page - Rohm BA33JC5T Datasheet HTML 2Page - Rohm BA33JC5T Datasheet HTML 3Page - Rohm BA33JC5T Datasheet HTML 4Page - Rohm BA33JC5T Datasheet HTML 5Page - Rohm BA33JC5T Datasheet HTML 6Page - Rohm BA33JC5T Datasheet HTML 7Page - Rohm BA33JC5T Datasheet HTML 8Page - Rohm BA33JC5T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BA□□JC5 Series,BA00JC5WT
Technical Note
2/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Product Lineup
Part Number
1.5
1.8
2.5
3.0
3.3
5.0
6.0
6.3
8.0
9.0
12.0 Variable
Package
BA□□JC5T
-
TO220FP-3
BA□□JC5WT
-
-
-
-
-
-
-
-
-
-
-
TO220FP-5 (V5)
Part Number: BA□□JC5□ □
a
b c
Symbol
Description
a
Output voltage specification
□□
Output voltage (V)
□□
Output voltage (V)
15
1.5 V typ
60
6.0 V typ
18
1.8 V typ
63
6.3 V typ
25
2.5 V typ
80
8.0 V typ
30
3.0 V typ
90
9.0 V typ
33
3.3 V typ
J2
12.0 V typ
50
5.0 V typ
00
Variable
b
Existence of switch With W: A shutdown switch is provided.
Without W: No shutdown switch is provided.
c
Package T:
TO20FP-5, TO220FP-5V5, TO220FP-3
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
18*1
V
Power dissipation
TO220FP-3
Pd
2000*2
mW
TO220FP-5
2000*2
TO220FP-5V5
2000*2
Operating temperature range
Topr
−40 to +105
Ambient storage temperature
Tstg
−55 to +150
Maximum junction temperature
Tjmax
150
*1
Must not exceed Pd
*2
Derated at 16mW/℃ at Ta>25℃
Recommended Operating Conditions
Parameter
Symbol
Ratings
Unit
Min.
Max.
Input power supply voltage
VCC*3
3.0
16.0
V
Input power supply voltage
VcC*4
Vo + 1.0
16.0
V
Output current
Io
-
1.5
A
Variable output voltage setting value
Vo
1.5
12
V
*3
When output voltage is 1.5 V, 1.8 V, or 2.5 V.
*4
When output voltage is 3.0 V or higher.


Numéro de pièce similaire - BA33JC5T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA33JC5T ROHM-BA33JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA33JC5T ROHM-BA33JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Description similaire - BA33JC5T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com