Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA05CC0WT Fiches technique(PDF) 4 Page - Rohm

No de pièce BA05CC0WT
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA05CC0WT Fiches technique(HTML) 4 Page - Rohm

  BA05CC0WT Datasheet HTML 1Page - Rohm BA05CC0WT Datasheet HTML 2Page - Rohm BA05CC0WT Datasheet HTML 3Page - Rohm BA05CC0WT Datasheet HTML 4Page - Rohm BA05CC0WT Datasheet HTML 5Page - Rohm BA05CC0WT Datasheet HTML 6Page - Rohm BA05CC0WT Datasheet HTML 7Page - Rohm BA05CC0WT Datasheet HTML 8Page - Rohm BA05CC0WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical Note
4/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
2
2.5
3
3.5
4
4.5
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
[BA033CC0WT]
0
50
100
150
200
0
200
400
600
800
1000
OUTPUT CURRENT:Io(mA)
[BA033CC0WT]
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
1012 1416 1820
CONTROL VOLTAGE:Vctl(V)
[BA033CC0WT]
0
100
200
300
400
500
600
0
200
400
600
800
1000
OUTPUT CURRENT : IO [mA]
[BA033CC0WT]
0
10
20
30
40
50
60
70
80
10
100
1000
10000 100000 1000000
FREQUENCY : f [Hz]
[BA033CC0WT]
0
0.5
1
1.5
2
2.5
3
3.5
0
400
800
1200
1600
2000
OUTPUT CURRENT : IO[mA]
[BA033CC0WT]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE : Vcc [V]
[BA033CC0WFP]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
130
140
150
160
170
180
190
AMBIENT TEMPERATURE : Ta [℃]
[BA033CC0WFP]
0
1
2
3
4
5
6
7
8
02468 10 12 14 16 18 20 22 24
CONTROL VOLTAGE : Vctl [V]
[BA033CC0WFP]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8 1012 14 161820
SUPPLY VOLTAGE : Vcc [V]
[BA033CC0WFP]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
1012 1416 1820
SUPPLY VOLTAGE : Vcc [V]
[BA033CC0WT]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
1012 1416 18 20
SUPPLY VOLTAGE : Vcc [V]
[BA033CC0WFP]
Reference Data (Unless specified otherwise, Vcc=8.3V, Vo=3.3V, VCTL=5.0V, and Io=0mA)
BA□□CC0□□(BA33CC0WT)
Fig.10 CTL Voltage vs. Output Voltage
Fig.11 Overvoltage Operating
Characteristics (Io=200mA)
Fig.12 Thermal Shutdown
Circuit Characteristics
Fig.6 Ripple Rejection Characteristics
(Io=100mA)
Fig.5 Input/Output Voltage Difference
IOUT(0V=1A)
Fig.4 Load Stability
Fig.3 Input Stability
(Io=500mA)
Fig.1 Circuit current
Fig.2 Input Stability
Fig.7 Output Voltage
Temperature Characteristics
Fig.8 Circuit Current by load Level
(IOUT=0mA→1A)
Fig.9 CTL Voltage vs. CTL Current


Numéro de pièce similaire - BA05CC0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA05CC0WT ROHM-BA05CC0WT Datasheet
261Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA05CC0WT ROHM-BA05CC0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA05CC0WT ROHM-BA05CC0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA05CC0WT ROHM-BA05CC0WT Datasheet
373Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA05CC0WT ROHM-BA05CC0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BA05CC0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com