Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28290FBZ-T7 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL28290FBZ-T7
Description  Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FBZ-T7 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL28290FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6247.8
August 11, 2008
Applications Information
Product Description
The ISL28190 and ISL28290 are voltage feedback operational
amplifiers designed for communication and imaging
applications requiring low distortion, very low voltage and
current noise. Both parts feature high bandwidth while drawing
moderately low supply current. The ISL28190 and ISL28290
use a classical voltage-feedback topology, which allows them to
be used in a variety of applications where current-feedback
amplifiers are not appropriate because of restrictions placed
upon the feedback element used with the amplifier.
Enable/Power-Down
The ISL28190 and ISL28290 amplifiers are disabled by
applying a voltage greater than 2V to the EN pin, with
respect to the V- pin. In this condition, the output(s) will be in
a high impedance state and the amplifier(s) current will be
reduced to 13µA/Amp. By disabling the part, multiple parts
can be connected together as a MUX. The outputs are tied
together in parallel and a channel can be selected by the EN
pin. The EN pin also has an internal pull-down. If left open,
the EN pin will pull to the negative rail and the device will be
enabled by default.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. Both parts have
additional back-to-back diodes across the input terminals
(as shown in Figure 29). In pulse applications where the input
Slew Rate exceeds the Slew Rate of the amplifier, the
possibility exists for the input protection diodes to become
forward biased. This can cause excessive input current and
distortion at the outputs. If overdriving the inputs is necessary,
the external input current must never exceed 5mA. An
external series resistor may be used to limit the current, as
shown in Figure 29.
Using Only One Channel
The ISL28290 is a Dual channel op amp. If the application
only requires one channel when using the ISL28290, the
user must configure the unused channel to prevent it from
oscillating. Oscillation can occur if the input and output pins
are floating. This will result in higher than expected supply
currents and possible noise injection into the channel being
used. The proper way to prevent this oscillation is to short
the output to the negative input and ground the positive input
(as shown in Figure 30).
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
11
1 (A)
9 (B)
10 (A)
8 (B)
1 (A)
7 (B)
OUT
OUT_A
OUT_B
Output
Circuit 2
6
6
10
9
8
V+
Positive supply
55
5 (A)
6 (B)
4 (A)
5 (B)
N/A
EN
EN_A
EN_B
Enable BAR pin
internal pull-down;
Logic “1” selects
the disabled state;
Logic “0” selects
the enabled state.
Circuit 3
Pin Descriptions (Continued)
ISL28190
(6 Ld SOT-23)
ISL28190
(6 Ld µTDFN)
ISL28290
(10 Ld MSOP)
ISL28290
(10 Ld µTQFN)
ISL28290
(8 Ld SOIC)
PIN
NAME
FUNCTION
EQUIVALENT
CIRCUIT
V+
V-
OUT
EN
V+
V-
FIGURE 29. LIMITING THE INPUT CURRENT TO LESS THAN
5mA
-
+
R
FIGURE 30. PREVENTING OSCILLATIONS IN UNUSED
CHANNELS
-
+
ISL28190, ISL28290


Numéro de pièce similaire - ISL28290FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28290FBZ-T7 INTERSIL-ISL28290FBZ-T7 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

Description similaire - ISL28290FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
   1.2VInput/ Output Rail To Rail CMOS Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
   High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com