Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28291FUZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL28291FUZ
Description  Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28291FUZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL28291FUZ Datasheet HTML 1Page - Intersil Corporation ISL28291FUZ Datasheet HTML 2Page - Intersil Corporation ISL28291FUZ Datasheet HTML 3Page - Intersil Corporation ISL28291FUZ Datasheet HTML 4Page - Intersil Corporation ISL28291FUZ Datasheet HTML 5Page - Intersil Corporation ISL28291FUZ Datasheet HTML 6Page - Intersil Corporation ISL28291FUZ Datasheet HTML 7Page - Intersil Corporation ISL28291FUZ Datasheet HTML 8Page - Intersil Corporation ISL28291FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6156.7
August 11, 2008
VENL
EN Low Level
Referred to V-
0.8
V
IENH
EN Pin Input High Current
VEN = V+
0.8
1.1
1.3
µA
IENL
EN Pin Input Low Current
VEN = V-
20
80
100
nA
AC SPECIFICATIONS
GBW
-3dB Unity Gain Bandwidth
RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ
61
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1kHz. VOUT + 2VP-P, AV = +1, RL = 10kΩ
0.00018
%
HD
(1MHz)
2nd Harmonic Distortion
2VP-P output voltage, AV = 1
-76
dBc
3rd Harmonic Distortion
-70
dBc
ISO
Off-state Isolation
fO = 100kHz
AV = +1, VIN = 100mVP-P, RF = 0Ω
CL = 20pF, AV = 1, RL = 10kΩ
-38
dB
X-TALK
ISL28291
Channel-to-Channel Crosstalk
fO = 100kHz
VS = ±2.5V, AV = +1, VIN = 1VP-P,
RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ
-105
dB
PSRR
Power Supply Rejection Ratio
fO = 100kHz
VS = ±2.5V, AV = +1, VSOURCE = 1VP-P,
RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ
-70
dB
CMRR
Common Mode Rejection Ratio
fO = 100kHz
VS = ±2.5V, AV = +1, VCM = 1VP-P,
RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ
-65
dB
en
Input Referred Voltage Noise
fO = 1kHz
1.7
nV/
√Hz
in
Input Referred Current Noise
fO = 1kHz
1.8
pA/
√Hz
TRANSIENT RESPONSE
SR
Slew Rate
12
12
17
V/µs
tr, tf, Small
Signal
Rise Time, tr 10% to 90%
AV = 1, VOUT = 0.1VP-P, RL = 10kΩ, CL = 1.2pF
7
ns
Fall Time, tf 90% to 10%
12
ns
tr, tf Large
Signal
Rise Time, tr 10% to 90%
AV = 2, VOUT = 1VP-P; RL = 10kΩ,
RF /RG = 499Ω/499Ω, CL = 1.2pF
44
ns
Fall Time, tf 90% to 10%
50
ns
Rise Time, tr 10% to 90%
AV = 2, VOUT = 4.7VP-P; RL = 10kΩ,
RF /RG = 499Ω/499Ω, CL = 1.2pF
190
ns
Fall Time, tf 90% to 10%
190
ns
tEN
ENABLE to Output Turn-on Delay
Time; 10% EN - 10% VOUT
AV = 1, VOUT = 1VDC, RL = 10kΩ, CL = 1.2pF
330
ns
ENABLE to Output Turn-off Delay
Time; 10% EN - 10% VOUT
AV = 1, VOUT = 0VDC, RL = 10kΩ, CL = 1.2pF
50
ns
NOTE:
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
V+ = 5.0V, V- = GND, RL = Open, RF = 1kΩ, AV = -1 unless otherwise specified. Parameters are per amplifier.
Typical values are at V+= 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data guaranteed by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
ISL28191, ISL28291


Numéro de pièce similaire - ISL28291FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28291FUZ INTERSIL-ISL28291FUZ Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28291FUZ INTERSIL-ISL28291FUZ Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28291FUZ RENESAS-ISL28291FUZ Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28291FUZ-T7 INTERSIL-ISL28291FUZ-T7 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28291FUZ-T7 INTERSIL-ISL28291FUZ-T7 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

Description similaire - ISL28291FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Renesas Technology Corp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com