Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL23511UFB8Z Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL23511UFB8Z
Description  Single Push Button Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511UFB8Z Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL23511UFB8Z Datasheet HTML 2Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 3Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 4Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 5Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 6Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 7Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 8Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 9Page - Intersil Corporation ISL23511UFB8Z Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6588.1
January 21, 2008
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
+125ºC
+25ºC
-40ºC
VCC = 5.5V
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.5V
-0.010
-0.005
0.000
0.005
0.010
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
0
0.001
0.002
0.003
0.004
0.005
0.006
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
ISL23511


Numéro de pièce similaire - ISL23511UFB8Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23511UFB8Z INTERSIL-ISL23511UFB8Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Description similaire - ISL23511UFB8Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com