Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G04 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74LVC2G04
Description  DUAL INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G04 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74LVC2G04 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVC2G04
DUAL INVERTER GATE
74LVC2G04.
Document number: DS35160 Rev 3 - 2
5 of 12
www.diodes.com
June 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
40ºC to 85ºC
-40ºC to 125ºC
Min
Max
Min
Max
Unit
VOH
High Level Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
0.95
IOH = -8mA
2.3V
1.9
1.7
IOH = -16mA
3V
2.4
1.9
IOH = -24mA
2.3
2.0
IOH = -32mA
4.5V
3.8
3.4
VOL
Low Level Output
Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.70
IOL = 8mA
2.3V
0.3
0.45
IOL = 16mA
3V
0.4
0.60
IOL = 24mA
0.55
0.80
IOL = 32mA
4.5V
0.55
0.80
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 5
± 20
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 10
± 20
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
10
40
μA
ΔICC
Additional Supply
Current
Input at VCC –0.6V
3 V to 5.5V
500
5000
μA
Package Characteristics (All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
CI
Input Capacitance
VI = VCC – or GND
3.3
4
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT26
(Note 4)
204
oC/W
SOT363
371
DFN1010
430
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
52
oC/W
SOT363
143
DFN1010
190
Notes:
4. Test condition for SOT26, SOT363 and DFN1010: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Numéro de pièce similaire - 74LVC2G04

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
74LVC2G04 PANASONIC-74LVC2G04 Datasheet
85Kb / 14P
   Dual inverter
logo
NXP Semiconductors
74LVC2G04 NXP-74LVC2G04 Datasheet
84Kb / 14P
   Dual inverter
Rev. 04-25 July 2007
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
74LVC2G04-Q100 NEXPERIA-74LVC2G04-Q100 Datasheet
208Kb / 12P
   Dual inverter
logo
NXP Semiconductors
74LVC2G04GF NXP-74LVC2G04GF Datasheet
84Kb / 14P
   Dual inverter
Rev. 04-25 July 2007
More results

Description similaire - 74LVC2G04

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com