Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G04W5 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce 74AHCT1G04W5
Description  SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT1G04W5 Fiches technique(HTML) 4 Page - Diodes Incorporated

  74AHCT1G04W5 Datasheet HTML 1Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 2Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 3Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 4Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 5Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 6Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 7Page - Diodes Incorporated 74AHCT1G04W5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCT1G04
SINGLE INVERTER GATE
74AHCT1G04
Document number: DS35181 Rev. 1 - 2
4 of 8
www.diodes.com
May 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test
Conditions
VCC
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
VOH
High Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.5
4.4
4.4
V
IOH = -8mA
4.5V
3.94
3.8
3.70
VOL
Low Level
Output Voltage
IOL = 50μA
4.5V
0
0.1
0.1
0.1
V
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = 5.5V or
GND
0 to 5.5V
± 0.1
± 1
± 2
μA
ICC
Supply Current
VI = 5.5V or
GND
IO=0
5.5V
1
10
40
μA
Ci
Input
Capacitance
VI = VCC – or
GND
5.5V
2.0
10
10
10
pF
ΔICC
Additional
Supply Current
Input at 3.4 V
5.5V
1.35
1.5
mA
θJA
Thermal
Resistance
Junction-to-
Ambient
SOT25
(Note 4)
204
oC/W
SOT353
371
θJC
Thermal
Resistance
Junction-to-
Case
SOT25
(Note 4)
52
oC/W
SOT353
143
Note:
4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
3.4
6.7
0.6
7.5
0.6
8.5
ns
CL=50pF
0.6
4.9
7.7
0.6
8.5
0.6
10.05
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5 V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
15
pF


Numéro de pièce similaire - 74AHCT1G04W5

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G04 PHILIPS-74AHCT1G04 Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
logo
Nexperia B.V. All right...
74AHCT1G04 NEXPERIA-74AHCT1G04 Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHCT1G04-Q100 NEXPERIA-74AHCT1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
logo
Texas Instruments
74AHCT1G04DBVRE4 TI1-74AHCT1G04DBVRE4 Datasheet
908Kb / 19P
[Old version datasheet]   Single Inverter Gate
74AHCT1G04DBVRG4 TI1-74AHCT1G04DBVRG4 Datasheet
908Kb / 19P
[Old version datasheet]   Single Inverter Gate
More results

Description similaire - 74AHCT1G04W5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com