Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEUX Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce CDEUX
Description  CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CDEUX Fiches technique(HTML) 1 Page - Tyco Electronics

  CDEUX Datasheet HTML 1Page - Tyco Electronics CDEUX Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
CDEUX Series
CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
Filter Cabinet
• Modified NEMA I, constructed of not less than #14
gauge CRS with galvanized bulkhead
• Blue epoxy finish to all non-conductive surfaces
• R.F. Radiation of the shielded (load) compartment
greater than 100 dB from 14 kHz to 10 GHz
• Front cover access, dual cover design
• Filter inserts pre-wired to standoffs and lugs
• Lifting hooks and mounting tabs
• Legs for floor mount available (see page 24)
Individual Filters
• Sealed components with welded and/or soldered
seams
• Constructed of not less than #16 gauge steel with
corrosion resistant plating
• Bleeder resistor to eliminate shock hazard provided
• Surge arrestors provided upon request‡
Electrical Characteristics
Voltage Drop:
Less than 1% @ unity power factor
Overload:
140% of rated current for 15 minutes
Harmonic Distortion:
Less than 2% @ full rated current
Dielectric Withstanding Voltage:
Per MIL-PRF-15733 and UL1283
D.C. Insulation Resistance:
Per MIL-STD-202, Method 302
Terminal Strength:
Per MIL-STD-202, Method 211, Condition E
Temperature Rise:
Per MIL-PRF-15733 and UL1283
R.F. Radiation:
100 dB minimum shielding effectiveness
Insertion Loss:
100 dB from 14 kHz - 10 GHz per MIL-STD-220A, under
load condition, using extended range buffer networks
over the frequency range of 14 kHz - 20 MHz
Applicable Publications:
MIL-PRF-15733 — Filters, radio interference
MIL-STD-202 — Test methods for Components
MIL-STD-220A — Test method of Insertion Loss
MIL-STD-285 — Test method for Shielding Effectiveness
NFPA 70-1987 — National Electric Code
486A - 1983 — Wire Connectors and Lug
UL1283 — UL standard for EMI Filters
CDEUX 4 01000 A6 -S -L
Voltage/Frequency
A6 - 120/208V, 60Hz
B6 - 277/480V, 60Hz
A4 - 120/208V, 400Hz
Legs
Surge Arrestors (optional)
Current Rating
# of Filtered Phases
Series
1
Examples:
CDEUX401000A6-S-L =
4, 1000A CDEUX, 120/280V filters in cabinet
with surge arrestors and legs
CDEUX300030B6 =
3, 30A CDEUX, 277/480V filters in cabinet
2
How to Order:
Note 1:
Surge Arrestor for A6/A4* Models: V251BA60
Surge Arrestor for B6 Models: V481BA60
Note 2:
Current configuration listed as 5 digits with leading zeros
‡ Not intended for HEMP applications. Refer to the CDEUL(<150A)
page 12 or TECUL Series (>225A) page 14 for HEMP applications..
Shown with optional legs
Center mounting bracket not installed on all sizes
60 Hz Models Only


Numéro de pièce similaire - CDEUX

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CDEUX MACOM-CDEUX Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX400010A4-S-L MACOM-CDEUX400010A4-S-L Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX400010A6-S-L MACOM-CDEUX400010A6-S-L Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX400010B6-S-L MACOM-CDEUX400010B6-S-L Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX400030A4-S-L MACOM-CDEUX400030A4-S-L Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
More results

Description similaire - CDEUX

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CDEUX MACOM-CDEUX Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
TECUL MACOM-TECUL Datasheet
381Kb / 2P
   TECUL Series - Extended Range Buffer Networks (Inductive Input)
CDEUL MACOM-CDEUL_11 Datasheet
353Kb / 2P
   CDEUL Series - Extended Range Buffer Networks (Inductive Input)
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDSUX-C MACOM-CDSUX-C Datasheet
224Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
logo
Bel Fuse Inc.
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
logo
Tyco Electronics
CDEUW MACOM-CDEUW_11 Datasheet
349Kb / 2P
   CDEUW Series (Capacitive Input)
CDEUW MACOM-CDEUW Datasheet
274Kb / 2P
   CDEUW Series (Capacitive Input)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com