Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP36A Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce TIP36A
Description  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36A Fiches technique(HTML) 5 Page - ON Semiconductor

  TIP36A Datasheet HTML 1Page - ON Semiconductor TIP36A Datasheet HTML 2Page - ON Semiconductor TIP36A Datasheet HTML 3Page - ON Semiconductor TIP36A Datasheet HTML 4Page - ON Semiconductor TIP36A Datasheet HTML 5Page - ON Semiconductor TIP36A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
5
Figure 8. Inductive Load Switching
TEST CIRCUIT
VOLTAGE AND CURRENT WAVEFORMS
NOTES:
A. L1 and L2 are 10 mH, 0.11
W, Chicago Standard Transformer Corporation C−2688, or equivalent.
B. Input pulse width is increased until ICM = − 3.0 A.
C. For NPN, reverse all polarities.
INPUT
50
MJE180
RBB1
20
RBB2 = 100
VBB2 = 0
VBB1 = 10 V
VCE MONITOR
L1
(SEE NOTE A)
L2
(SEE NOTE A)
TUT
VCC = 10 V
IC MONITOR
+
RS = 0.1 W
50
+
5.0 V
0
−3.0 A
−10 V
tw = 6.0 ms
(SEE NOTE B)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
V(BR)CER
0
0
100 ms


Numéro de pièce similaire - TIP36A

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
TIP36A MOSPEC-TIP36A Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36A MOTOROLA-TIP36A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP36A ONSEMI-TIP36A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP36A POINN-TIP36A Datasheet
93Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36A SAVANTIC-TIP36A Datasheet
170Kb / 4P
   Silicon PNP Power Transistors
More results

Description similaire - TIP36A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com