Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ11021G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MJ11021G
Description  Complementary Darlington Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021G Fiches technique(HTML) 2 Page - ON Semiconductor

  MJ11021G Datasheet HTML 1Page - ON Semiconductor MJ11021G Datasheet HTML 2Page - ON Semiconductor MJ11021G Datasheet HTML 3Page - ON Semiconductor MJ11021G Datasheet HTML 4Page - ON Semiconductor MJ11021G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
2
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
50
75
100
125
200
200
50
100
0
150
175
25
0
Figure 2. Switching Times Test Circuit
V2
APPROX
+12 V
V1
APPROX
-8.0 V
0
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC
100 V
RC
SCOPE
TUT
RB
D1
51
+4.0 V
≈ 10 K
≈ 8.0
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse diode and voltage polarities.
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
MJ11021, MJ11022
VCEO(sus)
250
Vdc
Collector Cutoff Current
(VCE = 125, IB = 0)
MJ11021, MJ11022
ICEO
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TJ = 150_C)
ICEV
0.5
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 10 Adc, VCE = 5.0 Vdc)
(IC = 15 Adc, VCE = 5.0 Vdc)
hFE
400
100
15,000
Collector−Emitter Saturation Voltage
(IC = 10 Adc, IB = 100 mA)
(IC = 15 Adc, IB = 150 mA)
VCE(sat)
2.0
3.4
Vdc
Base−Emitter On Voltage
IC = 10 A, VCE = 5.0 Vdc)
VBE(on)
2.8
Vdc
Base−Emitter Saturation Voltage
(IC = 15 Adc, IB = 150 mA)
VBE(sat)
3.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain Bandwidth Product
(IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
[hfe]
3.0
Mhz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJ11022
MJ11021
Cob
400
600
pF
Small−Signal Current Gain
(IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
75
SWITCHING CHARACTERISTICS
Typical
Characteristic
Symbol
NPN
PNP
Unit
Delay Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 50 V) (See Figure 2)
td
150
75
ns
Rise Time
tr
1.2
0.5
ms
Storage Time
ts
4.4
2.7
ms
Fall Time
tf
10.0
2.5
ms
1. Pulsed Test: Pulse Width = 300 ms, Duty Cycle v 2%.


Numéro de pièce similaire - MJ11021G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ11021G ONSEMI-MJ11021G Datasheet
78Kb / 5P
   Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
More results

Description similaire - MJ11021G

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com