Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC04A-200TD Fiches technique(PDF) 4 Page - Semtech Corporation

No de pièce TC04A-200TD
Description  Battery Tracking TransClamp For SLIC Linecard Protection?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC04A-200TD Fiches technique(HTML) 4 Page - Semtech Corporation

  TC04A-200TD Datasheet HTML 1Page - Semtech Corporation TC04A-200TD Datasheet HTML 2Page - Semtech Corporation TC04A-200TD Datasheet HTML 3Page - Semtech Corporation TC04A-200TD Datasheet HTML 4Page - Semtech Corporation TC04A-200TD Datasheet HTML 5Page - Semtech Corporation TC04A-200TD Datasheet HTML 6Page - Semtech Corporation TC04A-200TD Datasheet HTML 7Page - Semtech Corporation TC04A-200TD Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
TC04A-200
SLIC Operating Voltages (Unbalanced Ringing)
Balanced Ringing
SLIC protection Concepts
Transient immunity standards require telecommunica-
tions equipment be surged in all of its operating states.
This refers to the “on-hook” state (ring generator or
ring detection monitoring) and the “off-hook” state
(operational state). The On-Hook state must allow for
operation of the normal battery voltage and ring
voltage without interference. The Off-Hook state only
allows for operation of the battery voltage plus opera-
tion signals.
Several SLIC types exist. The first type of SLIC requires
an external ring relay to disconnect the SLIC and
connect the ringing and trip bias power supply generat-
ing the ringing signal. Protection must be provided for
the subsystem which includes the ringing relay and
ringing source. This type of ringing is sometimes called
unbalanced ringing. The ringing voltage is typically
inserted on the Ring (B-lead), while the Tip (A-lead) is
grounded. The SLIC may or may not be protected by
the ringing subsystem protection. Separate subsystem
protection may be needed and must have a minimum
operating voltage that exceeds the battery voltage and
the ring signal voltage. The SLIC IC is disconnected
from the line and the ring generator and does not see
the ringing voltages. Therefore, the protection element
for the SLIC must only have a minimum operating
voltage greater than the battery supply voltage. This
device must suppress all transients above ground and
below the battery voltage.
The second SLIC type has an integrated ring generation
capability. The protection device described in this
application information is particularly suited for use
with this SLIC type. Unlike the unbalanced system
described above, these SLIC devices generate a
balanced ring signal between Tip & Ring. The voltage on
either line falls between the battery voltage and
ground. Therefore, the SLIC protection device can have
an operating voltage that is very close to the battery
voltage. Since battery voltages may vary between talk
and ringing states, it is desirable to utilize a program-
mable protection device so that the voltage across the
SLIC does not exceed the process limits and the stress
on the device is minimized.
Tip
Ring
Battery
0V
Protecting SLIC with Integrated Ring Generator
Applications Information


Numéro de pièce similaire - TC04A-200TD

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACOA TELCOM-TC04ACOA Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACZM TELCOM-TC04ACZM Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Description similaire - TC04A-200TD

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TC03A-200 SEMTECH-TC03A-200 Datasheet
116Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com