Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC403L Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce STC403L
Description  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC403L Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  STC403L Datasheet HTML 1Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 2Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 3Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 4Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 5Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T0D004-003
1
STC403L
NPN Silicon Transistor
1: Emitter
2 :Collector
3: Base
PIN Connection
Applications
• Power amplifier application
• High current switching application.
Features
• Power Transistor General Purpose application
• Low saturation voltage : VCE(SAT)=0.4V Typ.
• High Voltage : VCEO=60V Min.
Ordering Information
Type NO.
Marking
Package Code
STC403L
STC403
TO-92L
Absolute maximum ratings
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
IC
3
A(DC)
Collector current
*ICP
6
A(Pulse)
Collector power dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Single pulse, tp= 300 ㎲
Characteristic
Symbol
Typ.
Max
Unit
Thermal resistance
Rth(J-a)
-
125.0
/W
TO -92L


Numéro de pièce similaire - STC403L

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
STC403L KODENSHI-STC403L Datasheet
293Kb / 6P
   NPN Silicon Transisto
More results

Description similaire - STC403L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com