Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB1132 Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce STB1132
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STB1132 Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  STB1132 Datasheet HTML 1Page - KODENSHI_AUK CORP. STB1132 Datasheet HTML 2Page - KODENSHI_AUK CORP. STB1132 Datasheet HTML 3Page - KODENSHI_AUK CORP. STB1132 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5B021-001
1
STB1132
PNP Silicon Transistor
SOT-89
PIN
Description
• Medium power amplifier
Features
• PC(Collector power dissipation)
=1W(Ceramic substate of 250 ㎟×0.8t used)
• Low collector saturation voltage : VCE(sat)=-0.2V(Typ.)
• Complementary pair with STD1664
Ordering Information
Type NO.
Marking
Package Code
STB1132
A1
YWW
SOT-89
A1: DEVICE CODE, YWW(Y : Year code, WW : Weekly code)
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-40
V
Collector-Emitter voltage
VCEO
-32
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-1
A
Collector power dissipation
PC
0.5
W
PC*
1
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* : When mounted on ceramic substrate(250 ㎟×0.8t)
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-50 , IE=0
-40
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1 , IB=0
-32
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-50 , IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-20V, IE=0
-
-
-0.1
Collector cut-off current
ICES
VCE=-30V, IC=0
-
-
-0.1
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-
-
-0.1
DC current gain
hFE
*
VCE=-3V, IC=-0.1A
100
-
320
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-500 ㎃, IB=-50
-
-0.2
-0.8
V
Transition frequency
fT
VCE=-5V, IC=-50 ,
f=30
-
150
-
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1
-
20
30
* : hFE rank / O : 100 ~ 200, Y : 160 ~ 320


Numéro de pièce similaire - STB1132

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STB1132 AUK-STB1132 Datasheet
89Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
More results

Description similaire - STB1132

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com