Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1CL3H Datasheet(Fiches technique) 2 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-1CL3H
Description  Photo transistors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1CL3H Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

  ST-1CL3H_08 Datenblatt HTML 1Page - KODENSHI KOREA CORP. ST-1CL3H_08 Datasheet HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photo transistors
KODENSHI KOREA CORP
ST-1CL3H
Collector current Vs.
Collector-Emitter voltage
Dark current Vs.
Ambient temperature
Input
Output
FP
I
CC
V
OUT
V
C
IRL
90%
10%
tf
tr
※ Switching time measurement circuit
20
60
80
100
40
80
Ambient temperature(Ta)
40
0
0
20
60
100 (℃)
(㎽)
p
Ta=25℃
Ta=25℃
VCE=3V
VCE=10V
Collector-Emitter Voltage(V )
0
0
26
48
CE
(㎃)
(V)
1
2
3
4
Ev=3,000㏓
Ev=2,000㏓
Ev=500㏓
Ev=1,000㏓
5
10
(Lux)
Illminance(E )
10
10
10
1
234
10
-1
0
10
10
1
2
10
(mA)
V
40
Ambient temperature(Ta)
020
(℃)
80
60
100
120
10
10
10
10
-1
0
1
2
Collector current Vs.
Illuminance
Relative sensitivity Vs.
Wavelength
Radiant Pattern
Switching time Vs.
Load resistance
VCC = 10V
IC =1㎃
Ta = 25℃
tf
tr
td
Ta=25℃
80
500
20
400
0
40
60
700
Wavelength( λ)
600
800 900
(㎚)
1000 1100
100
(%)
Road Resistance(R )
( )
(㎲)
10
10
10
10
0
1
2
3
102
10
10
34
10
5
L
Angle(deg.)
Relative intensity(%)
50
100
0
+20
+4
0
50
0
100
50
Ta=25℃
-20
-40
Collector power dissipation Vs.
Ambient temperature
- 2 -


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn