Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1CL3H Fiches technique(PDF) 1 Page - KODENSHI KOREA CORP.

No de pièce ST-1CL3H
Description  Photo transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1CL3H Fiches technique(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-1CL3H_08 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1CL3H_08 Datasheet HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photo transistors
KODENSHI KOREA CORP
The ST-1CL3H is a high sensitivity NPN silicon
Dimensions
[Unit : mm]
phototransistor mounted in a 3Φ Low-cost ceramic
package, designed for use as low-cost detector
array in consumer and industrial applications.
Features
· Compact (Φ3mm)
· Wide angular response
· Low-cost
Applications
· Optical counters
· Optical detectors
· Floppy disk drives
· Encoders
Absolute Maximum Ratings
[TA = 25°C]
C-E Voltage
E-C Voltage
Collector current
Collector power dissipation
Operating temp
Storage temp
Soldering temp
*1
*1. For MAX.5 seconds at the position of 2mm from the package
Electro-Optical Characteristics
[TA = 25°C]
Spectral sensitivity
Peak wavelength
Half Angle
*2. Color temp = 2856K standard tungsten lamp
ICEO
VCEO=10V
-
λ
480~1,000
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
5
1
200
VCE(sat)
tr
IC=0.2mA, 2,000lx
*2
nA
IL
mA
VCE=3V, 1,000lx
*2
0.08
1.5
-
IC
mA
20
Parameter
PC
mW
Tsol
°C
75
-20~+90
VECO
V
±50
-
3.8
-
Typ.
Max.
Topr.
°C
λp
VCC=10V, IC=1mA
RL=100Ω
nm
880
µsec
--
degrees
∆Θ
-
Unit.
Symbol
Conditions
Min.
260
-30~+100
Tstg.
°C
ST-1CL3H
VCEO
V
Symbol
Unit
20
Rating
Parameter
nm
tf
-
-
2.5
-
V
µsec
-
0.15
0.4
φ
φ
φ
- 1 -


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn