Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842A Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UC3842A
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842A Fiches technique(HTML) 1 Page - Unisonic Technologies

  UC3842A_11 Datasheet HTML 1Page - Unisonic Technologies UC3842A_11 Datasheet HTML 2Page - Unisonic Technologies UC3842A_11 Datasheet HTML 3Page - Unisonic Technologies UC3842A_11 Datasheet HTML 4Page - Unisonic Technologies UC3842A_11 Datasheet HTML 5Page - Unisonic Technologies UC3842A_11 Datasheet HTML 6Page - Unisonic Technologies UC3842A_11 Datasheet HTML 7Page - Unisonic Technologies UC3842A_11 Datasheet HTML 8Page - Unisonic Technologies UC3842A_11 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-002.F
CURRENT MODE PWM
CONTROL CIRCUITS
DESCRIPTION
The UTC UC3842A/3843A provide the necessary functions to
implement off-line or DC to DC fixed frequency current mode ,
controlled switching circuits with minimal external components.
FEATURES
*Low Start Up Current ( Typical 0.12mA )
*Automatic Feed Forward Compensation
*Pulse-by-Pulse Current Limiting
*Under-voltage Lockout with Hysteresis
*Double Pulse Suppression
*High Current Totem Pole Output to Drive MOSFET Directly
*Internally Trimmed Band Gap Reference
*500kHz Operation
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3842AL-D08-T
UC3842AP-D08-T
DIP-8
Tube
UC3842AL-S08-R
UC3842AP-S08-R
SOP-8
Tape Reel
UC3842AL-S08-T
UC3842AP-S08-T
SOP-8
Tube
UC3843AL-D08-T
UC3843AP-D08-T
DIP-8
Tube
UC3843AL-S08-R
UC3843AP-S08-R
SOP-8
Tape Reel
UC3843AL-S08-T
UC3843AP-S08-T
SOP-8
Tube


Numéro de pièce similaire - UC3842A_11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
174Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May 2004 REV. 5
logo
Unisonic Technologies
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Description similaire - UC3842A_11

FabricantNo de pièceFiches techniqueDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com