Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3019S Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2N3019S
Description  Low Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3019S Fiches technique(HTML) 3 Page - ON Semiconductor

  2N3019S Datasheet HTML 1Page - ON Semiconductor 2N3019S Datasheet HTML 2Page - ON Semiconductor 2N3019S Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N3019S
http://onsemi.com
3
PACKAGE DIMENSIONS
TO−39 3−Lead
CASE 205AB−01
ISSUE O
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
SEATING
PLANE
R
F
B
C
K
L
P
D
3X
M
H
J
S
B
0.007 (0.18MM)
C M
A
N
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.350
0.370
8.89
9.40
B
0.315
0.335
8.00
8.51
C
0.240
0.260
6.10
6.60
D
0.016
0.019
0.41
0.48
E
0.009
0.125
0.23
3.18
F
0.016
0.019
0.41
0.48
N
0.200 BSC
5.08 BSC
H
0.028
0.034
0.71
0.86
J
0.029
0.040
0.73
1.02
K
0.500
0.580
12.70
14.73
L
0.250
---
6.35
---
M
45 BSC
45 BSC
R
0.054 BSC
1.37 BSC
P
---
0.050
---
1.27
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION J MEASURED FROM DIAMETER A TO EDGE.
4. LEAD TRUE POSITION TO BE DETERMINED AT THE GUAGE
PLANE DEFINED BY DIMENSION R.
5. DIMENSION F APPLIES BETWEEN DIMENSION P AND L.
6. DIMENSION D APPLIES BETWEEN DIMENSION L AND K.
7. BODY CONTOUR OPTIONAL WITHIN ZONE DEFINED BY DIMEN­
SIONS A, B, AND T.
8. DIMENSION B SHALL NOT VARY MORE THAN 0.010 IN ZONE P.
T
---
0.030
---
0.76
U
0.100
---
2.54
---
A
B
A
DETAIL X
U
NOTE 5
NOTES 4 & 6
C
U
E
2
3
1
DETAIL X
NOTE 7
T
LEAD IDENTIFICATION
DETAIL
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
2N3019S/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Numéro de pièce similaire - 2N3019S

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3019S SEMICOA-2N3019S Datasheet
45Kb / 2P
   Type 2N3019S Geometry 4500 Polarity NPN
logo
Microsemi Corporation
2N3019S MICROSEMI-2N3019S Datasheet
71Kb / 2P
   LOW POWER NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
200Kb / 2P
   Silicon NPN Transistor
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
More results

Description similaire - 2N3019S

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N3700 ONSEMI-2N3700 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3019 ONSEMI-2N3019 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3439 ONSEMI-2N3439 Datasheet
94Kb / 3P
   Low Power Transistor
February, 2011 ??Rev. P0
2N3440 ONSEMI-2N3440 Datasheet
94Kb / 3P
   Low Power Transistor
January, 2011 ??Rev. P1
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP56-16 STMICROELECTRONICS-BCP56-16 Datasheet
150Kb / 9P
   Low power NPN Transistor
logo
Central Semiconductor C...
CP709 CENTRAL-CP709_06 Datasheet
653Kb / 2P
   Power Transistor PNP - Low Saturation Transistor Chip
CP309 CENTRAL-CP309 Datasheet
215Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
CP309 CENTRAL-CP309_10 Datasheet
471Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com