Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2843B Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UC2843B
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843B Fiches technique(HTML) 1 Page - Unisonic Technologies

  UC2843B Datasheet HTML 1Page - Unisonic Technologies UC2843B Datasheet HTML 2Page - Unisonic Technologies UC2843B Datasheet HTML 3Page - Unisonic Technologies UC2843B Datasheet HTML 4Page - Unisonic Technologies UC2843B Datasheet HTML 5Page - Unisonic Technologies UC2843B Datasheet HTML 6Page - Unisonic Technologies UC2843B Datasheet HTML 7Page - Unisonic Technologies UC2843B Datasheet HTML 8Page - Unisonic Technologies UC2843B Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC2843B
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R103-048.a
HIGH-PERFORMANCE
CURRENT-MODE PWM
CONTROLLERS
DESCRIPTION
The UTC UC2843B provides off-line or DC-DC fixed-frequency
current-mode control design with minimum external components.
Internally-implemented circuits include an under-voltage lockout
(UVLO) and a precision reference with accuracy at the error amplifier
input. The UTC UC2843B also contain internal circuits which include
a pulse width modulation (PWM) comparator providing current-limit
control, logic ensuring latched operation, and a totem-pole output
stage designed to source or sink high-peak current. The output
stage is low when it is in off-state condition and suitable for
N-channel MOSFETs driving.
The UTC UC2843B also has following advantages: the start-up
current lower than 0.5mA while the oscillator discharge current is
specified to 8.3mA (Typ.). In UVLO conditions, the output has a
maximum saturation voltage of 1.2V when sinking 10mA@VCC = 5V.
The typical UVLO threshold of the UTC UC2843B is 8.4V (on)
and 7.6V (off) and can operate to duty cycles approximately 100%.
FEATURES
* Current mode operation:500 kHz
* Low start-up current value<0.5mA
* Latching PWM for cycle-by-cycle current limiting
* Trimmed oscillator discharge current
* Automatic feed-forward compensation
* Internally trimmed reference with UVLO
* High-current totem-pole output UVLO with hysteresis
* Double-pulse suppression
* Halogen free
ORDERING INFORMATION
Ordering Number
Package
Packing
UC2843BG-S08-R
SOP-8
Tape Reel


Numéro de pièce similaire - UC2843B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC2843B ONSEMI-UC2843B Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2843B

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com