Moteur de recherche de fiches techniques de composants électroniques |
|
TL432C Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
TL432C Fiches technique(HTML) 3 Page - Unisonic Technologies |
3 / 3 page TL432C LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 3 www.unisonic.com.tw QW-R103-022.G ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Cathode-Anode Reverse Breakdown VKA 15 V Anode-Cathode Forward Current IAK 1 A Operating Cathode Current IKA 50 mA Reference Input Current IREF 1 mA Junction Temperature TJ 125 °C Operating Temperature TOPR -40 ~ +85 °C Storage Temperature TSTG -40 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL RATINGS UNIT Cathode Voltage VKA VREF ~ 15 V Cathode Current IK 5 ~ 10 mA THERMAL DATA PARAMETER SYMBOL RATING UNIT SOT-23/SOT-25 350 °C/W TO-92 100 °C/W SOP-8 150 °C/W Junction to Ambient SOT-89 θJA 220 °C/W ELECTRICAL CHARACTERISTICS (TJ=25°C , VKA=VREF, IK=10mA, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT 1% 1.228 1.240 1.252 V Reference Input Voltage 2% VREF IK=10mA, VK=VREF 1.215 1.240 1.265 V Line Regulation ΔVREF VK=1.24 ~ 15V 10 26 mV Load Regulation ΔVREF IK=5 ~ 50mA 6 15 mV Temperature Deviation ΔVREF -40<TJ<85°C 2 6 mV Reference Input Current IREF 3 6 μA Reference Input Current Temperature Coefficient ΔIREF -40<TJ<85°C 0.3 0.6 μA Minimum Cathode Current for Regulation IK(MIN) 0.6 1 mA Off State Leakage IKA(OFF) VREF=0V, VKA=15V 500 nA UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |
Numéro de pièce similaire - TL432C |
|
Description similaire - TL432C |