Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS-3000-148 Datasheet(Fiches technique) 2 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce TS-3000-148
Description  3000W True Sine Wave DC-AC Inverter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-3000-148 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-3000-148 Datenblatt HTML 1Page - Mean Well Enterprises Co., Ltd. TS-3000-148 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
(Expectfor48Vinput)
ACOutputReceptacle(optional)
E13
Unit:mm
MechanicalSpecification
DeratingCurve
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:3000W
3000
112 A
E
E
13
13
CURVE1
AMBIENTTEMPERATURE(
)
0
10
20
30
40
50
60
70
20
40
60
80
100
CURVE2
BATTERY INPUTVOLTAGE(V)
10.5VDC
11.5VDC
15VDC
20
40
60
80
100
(HORIZONTAL)
122.44
161.84
direction
Airflow
direction
Airflow
273
283.5
7.5
AC OUTPUT
FG
NC
L
NC
N
On
BatLow
Saving
Setting
Remote
port
INVERTER
LOAD
100
BATTERY
0
100
0
c
u i
t
B r e
s
s
t o
R
e
ACOUTPUT
ON
OFF
31.29
ACOUTPUT
On
BatLow
Saving
Setting
Remote
port
INVERTER
LOAD
100
BATTERY
0
100
0
c
u i
t
B r e
s
s
t o
R
e
ON
OFF
31.29
Chassis
Ground
Cat.No.(1GG1HS-212)
WireRange(10-4 AWGStr
CuSolderedWires)
Torque(17.7-26.5inlb)
Chassis
Ground
Cat.No.(1GG1HS-212)
WireRange(10-4 AWGStr
CuSolderedWires)
Torque(17.7-26.5inlb)
ACReceptacle
ACReceptacle
3000W TrueSineWaveDC-ACInverter
T S - 3 0 0 0 series
FileName:TS-3000-SPEC2011-05-24
Type-A
Note:Whentheloadcurrentis>15A,must
useoutputterminalconnectionwhich
canbefoundinsidethe ACoutputpanel
oftheinverter.
Type-B
TS:Truesinewaveinverter
TS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn