Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS-1500-212 Datasheet(Fiches technique) 1 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce TS-1500-212
Description  1500W True Sine Wave DC-AC Power Inverter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-212 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-212 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-212 Datenblatt HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E13
SPECIFICATION
TS-1500-112
TS-1500-124
TS-1500-148
TS-1500-212
TS-1500-224
TS-1500-248
75A
21~30VDC
89%
37.5A
42~60VDC
90%
75A
21~30VDC
90%
37.5A
42~60VDC
91%
MODEL
ACVOLTAGE
MAXIMUMOUTPUTPOWER(Typ.)
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
VOLTAGERANGE (Typ.)Note.1
EFFICIENCY (Typ.)
Note.2
DCCURRENT(Typ.)
Note.5
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
REVERSEPOLARITY
GFCIPROCTECTION
PROTECTION
PROTECTION
Truesinewave(THD<3%)atratedinputvoltage
150A
10.5~15VDC
88%
40A*5
30A*3
30A*2
30A*2
30A*3
3.0%
10.5~15VDC
87%
150A
40A*5
82
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH3detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
82
5
96
5
None
68
5
68
5
68
5
Byinternalfuseopen
UL458(onlyfor"GFCI"receptacle-TypeF)
None
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.3
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
UL458(onlyfor"GFCI"receptacle-TypeF)
CompliancetoEN61000-4-2,3,8
CompliancetoEN55022classB,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Thermostatically controlled cooling fan
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input polarity reverse / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
Optional monitoring software
3 years warranty
High surge power up to 3000W
High efficiency up to 91%
RATEDPOWER (Typ.)
1500W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
BatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
6.81Kg;2pcs/14.6Kg/1.61CUFT
DIMENSION
420*220*88mm(L*W*H)
NOTE
1.Output derating capacity referenced by curve 1.
2.Efficiency is tested by 1000W, linear load at 13V, 26V, 52V input voltage.
3.Output derating capacity referenced by curve 2.
4.All parameters not specified above are measured at rated load, 25
of ambient temperature.
5.DC current is tested by 1500W, linear load at 13V, 26V, 52V input voltage.
200/220/230/240VACselectablebysettingbutton
100/110/115/120VACselectableby settingbutton
1725Wfor180sec./2250Wfor10sec. /surgepower3000Wfor30cycles
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
21 4%
11.3 4%
10.5 4%
1500W TrueSineWaveDC-ACPowerInverter
T S - 1 5 0 0 series
FileName:TS-1500-SPEC2011-05-24
50 0.1%Hz50/60HzselectablebysettingbuttonS.W
60 0.1Hz50/60HzselectablebysettingbuttonS.W
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
Defaultdisabled.Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADDISSIPATION
18W @ standby saving mode
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
CONTROL WIRING
RJ11-RS232(Option)
LVD
None
EN60950-1
EMCIMMUNITY
EMCEMISSION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn