Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS-1500-124 Datasheet(Fiches technique) 2 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce TS-1500-124
Description  1500W True Sine Wave DC-AC Power Inverter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-124 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-124 Datenblatt HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-124 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E13
CURVE1
CURVE2
AMBIENTTEMPERATURE(
)
0
10
20
30
40
50
60
70
20
40
60
80
100
BATTERY INPUTVOLTAGE(V)
10.5VDC
21VDC
42VDC
11.5VDC
23VDC
46VDC
15VDC
30VDC
60VDC
20
40
60
80
100
(HORIZONTAL)
FileName:TS-1500-SPEC2011-05-24
T S - 1 5 0 0 series
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
TS:Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1500W
TS
1500
112 A
207
Type-A
Type-B
220
10
Airflow
direction
Remote
port
15.6
36.25
57.75
1500W TrueSineWaveDC-ACPowerInverter
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
(Expectfor48Vinput)
ACOutputReceptacles(optional)
E
E
13
13
MechanicalSpecification
DeratingCurve
Unit:mm
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
Remote
port
ACOUTPUT
ON
OFF
ACOUTPUT
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
ON
OFF


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn