Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-1000 Datasheet(Fiches technique) 2 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce SD-1000
Description  1000W Single Output DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-1000 Datenblatt HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000 Datenblatt HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000 Datenblatt HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
CaseNo.952BUnit:mm
INPUTVOLTAGE(VDC)
19
24
36
48
72
96
144
90
forSD-1000H
forSD-1000L
100
80
70
60
50
40
BlockDiagram
AMBIENTTEMPERATURE(
)
20
40
60
80
100
-20
0
10
20
30
40
50
60
70
Ta=25
BOOST fosc:70KHz
PWMfosc:90KHz
FAN
O.V.P.
-V
+V
RECTIFIERS
&
FILTER
-S
+S
CIRCUIT
DETECTION
POWER
AUX
REMOTE
CONTROL
ON/OFF
OUTPUT
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
ING
I/P
SWITCH-
POWER
FILTER
EMI
PWM
BOOST
BOOST
CONTROL
O.T.P.
O.L.P.
+V
-V
3-M4L=6
102
91
Airflow
direction
41
CN51
SVR51
3-M4L=4
6
277.7
21
34.5
295
3-M4L=6
277.7
6
Control
(CN51):HRSDF11-10DP-2DSorequivalent
pinnumberassignment
PinNo.
PinNo.
PinNo.
1
5
9
2
3
4
6
10
7
8
Assignment
Assignment
Assignment
+S
-S
OUTPUT OK
GND
AUXG
NC
RC1
RC2
AUX
RCG
MatingHousing
orequivalent
HRSDF11-10DS
Terminal
JST SPHD-002T-P0.5
orequivalent
TB1
3
2
1
DCInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
DCINPUT V-
DCINPUT V+
1000WSingleOutputDC-DCConverter
S D - 1 0 0 0 series
FileName:SD-1000-SPEC2010-10-18
(HORIZONTAL)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn