Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-1000H-48 Fiches technique(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No de pièce SD-1000H-48
Description  1000W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000H-48 Fiches technique(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-1000H-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000H-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000H-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000H-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
Note.5
EFFICIENCY (Typ.)
INPUT
FUNCTION
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
WORKINGTEMP.
OUTPUTOKSIGNAL
REMOTEON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
500ms,50msatfullload
19~72VDC
23.5A/48VDC
-----
105~125% ratedoutputpower
Protectiontype:Constantcurrentlimiting,unitwillshutdowno/pvoltageafterabout5sec.Re-powerontorecover
16~19V
30.8~35.2V
62~68V
16~19V
30.8~35.2V
62~68V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW2)detectonheatsinkofO/P diode;75
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+60
(Refertooutputloadderatingcurve)
Pleaserefertofunctionmanual
OpencollectorsignallowwhenPSUturnson,maximum,sinkcurrent:10mA
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.02%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
32Khrsmin.MIL-HDBK-217F(25
)
295*127*41mm(L*W*H)
1.94Kg;6pcs/12.6Kg/0.99CUFT
84%
88%
90%
85%
11.6A/96VDC
100A/96VDC
89%
92%
0.5%
0.5%
0.5%
0.5%
72~144VDC
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
150mVp-p
11~15V
150mVp-p
23~30V
150mVp-p
46~60V
150mVp-p
11~15V
150mVp-p
150mVp-p
23~30V
46~60V
12V
60A
0~60A
720W
24V
40A
0~40A
960W
48V
21A
0~21A
1008W
12V
60A
0~60A
720W
24V
48V
40A
21A
0~40A
0~21A
960W
1008W
SD-1000L-12
SD-1000L-24
SD-1000L-48
SD-1000H-12
SD-1000H-24
SD-1000H-48
1. All parameters NOT specially mentioned are measured at 48, 96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
SAFETY STANDARDS
EMSIMMUNITY
IEC60950-1CBapprovedby TUV
CompliancetoEN55022(CISPR22)
Complianceto EN61000-4-2,3,4,6,8;ENV50204,lightindustrylevel,criteria A
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:2KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
2000VAC I/O Isolation
Protections: Short circuit / Overload / Over voltage / Over temperature
Output OK signal
Built-in remote ON-OFF control
Built-in remote sense function
Forced air cooling by built-in DC fan with fan speed control
12V, 0.25A auxiliary output
3 years warranty
1U low profile 41mm
High power density 10.7w/inch
3
Features :
1000WSingleOutputDC-DCConverter
S D - 1 0 0 0 series
FileName:SD-1000-SPEC2010-10-18


Numéro de pièce similaire - SD-1000H-48

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
SD-1000H-48 MEANWELL-SD-1000H-48 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
SD-1000H-48 MEANWELL-SD-1000H-48 Datasheet
230Kb / 4P
   1000W Single Output DC-DC Converter
More results

Description similaire - SD-1000H-48

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
SD-1000_1109 MEANWELL-SD-1000_1109 Datasheet
230Kb / 4P
   1000W Single Output DC-DC Converter
SD-1000 MEANWELL-SD-1000 Datasheet
1Mb / 4P
   1000W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com