Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-1000H-12 Datasheet(Fiches technique) 1 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce SD-1000H-12
Description  1000W Single Output DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000H-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-1000H-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000H-12 Datenblatt HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000H-12 Datenblatt HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000H-12 Datenblatt HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
Note.5
EFFICIENCY (Typ.)
INPUT
FUNCTION
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
WORKINGTEMP.
OUTPUTOKSIGNAL
REMOTEON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
500ms,50msatfullload
19~72VDC
23.5A/48VDC
-----
105~125% ratedoutputpower
Protectiontype:Constantcurrentlimiting,unitwillshutdowno/pvoltageafterabout5sec.Re-powerontorecover
16~19V
30.8~35.2V
62~68V
16~19V
30.8~35.2V
62~68V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW2)detectonheatsinkofO/P diode;75
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+60
(Refertooutputloadderatingcurve)
Pleaserefertofunctionmanual
OpencollectorsignallowwhenPSUturnson,maximum,sinkcurrent:10mA
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.02%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
32Khrsmin.MIL-HDBK-217F(25
)
295*127*41mm(L*W*H)
1.94Kg;6pcs/12.6Kg/0.99CUFT
84%
88%
90%
85%
11.6A/96VDC
100A/96VDC
89%
92%
0.5%
0.5%
0.5%
0.5%
72~144VDC
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
150mVp-p
11~15V
150mVp-p
23~30V
150mVp-p
46~60V
150mVp-p
11~15V
150mVp-p
150mVp-p
23~30V
46~60V
12V
60A
0~60A
720W
24V
40A
0~40A
960W
48V
21A
0~21A
1008W
12V
60A
0~60A
720W
24V
48V
40A
21A
0~40A
0~21A
960W
1008W
SD-1000L-12
SD-1000L-24
SD-1000L-48
SD-1000H-12
SD-1000H-24
SD-1000H-48
1. All parameters NOT specially mentioned are measured at 48, 96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
SAFETY STANDARDS
EMSIMMUNITY
IEC60950-1CBapprovedby TUV
CompliancetoEN55022(CISPR22)
Complianceto EN61000-4-2,3,4,6,8;ENV50204,lightindustrylevel,criteria A
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:2KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
2000VAC I/O Isolation
Protections: Short circuit / Overload / Over voltage / Over temperature
Output OK signal
Built-in remote ON-OFF control
Built-in remote sense function
Forced air cooling by built-in DC fan with fan speed control
12V, 0.25A auxiliary output
3 years warranty
1U low profile 41mm
High power density 10.7w/inch
3
Features :
1000WSingleOutputDC-DCConverter
S D - 1 0 0 0 series
FileName:SD-1000-SPEC2010-10-18


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn