Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-1000L-24 Datasheet(Fiches technique) 3 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce SD-1000L-24
Description  1000W Single Output DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000L-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SD-1000L-24 Datenblatt HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000L-24 Datenblatt HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000L-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000L-24 Datenblatt HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.RemoteON/OFF
(1)RemoteON/OFFcontrolbecomesavailablebyapplyingvoltageinCN51
(2)Table1.1showsthespecificationofRemoteON/OFFfunction
(3)Fig.1.2showstheexampletoconnectRemoteON/OFFcontrolfunction
Table1.1SpecificationofRemoteON/OFF
Fig.1.2ExamplesofconnectingremoteON/OFF
ConnectionMethod
SWLogic
Outputon
SWOpen
SWOpen
SWOpen
Fig.1.2(A)
Fig.1.2(B)
Fig.1.2(C)
Outputoff
SWClose
SWClose
SWClose
2.2K
AUX
RC1
12Vtyp.
AUXG
150
RCG
RC2
SW
620
5V
150
RC2
12Vtyp.
RCG
AUXG
2.2K
RC1
AUX
(A)Usingexternalvoltagesource
(B)Usinginternal12Vauxiliaryoutput
SW
150
RC2
12Vtyp.
AUXG
SW
RCG
(C)Usinginternal12Vauxiliaryoutput
2.2K
RC1
AUX
S D - 1 0 0 0 series
FunctionDescriptionofCN51
FunctionManual
PinNo. Function Description
1
3
5
6
7
8
9
10
4
2
+S
O/P OK
AUX
AUXG
RC1
RC2
RCG
NC
GND
-S
Opencollectorsignal,referencedtopin4(GND).LowwhenPSUturnson. Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis13V.
Auxiliaryvoltageoutput,10.8~13.2Vreferencedtopin6(AUXG).Themaximumloadcurrentis0.25A.
Auxiliaryvoltageoutputground. Thesignalreturnisisolatedfromtheoutputterminals(+V&-V).
RemoteON/OFF
RemoteON/OFF
RemoteON/OFFground
Noconnection
Thesepinsconnecttothenegativeterminal(-V).
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
FileName:SD-1000-SPEC2010-10-18
1000WSingleOutputDC-DCConverter


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn