Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-150 Datasheet(Fiches technique) 1 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce SD-150
Description  150W Single Output DC-DC Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-150 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-150 Datenblatt HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SD-150B-12
SD-150C-12
SD-150D-12
SD-150B-24
SD-150C-24
SD-150D-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
12V
24V
12.5A
6.3A
0~12.5A
0~6.3A
150W
151.2W
120mVp-p
150mVp-p
1.0%
1.0%
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
2s,50ms
atfullload
(onlyDmode)
24ms
atfullload
(onlyDmode)
B:19~36VDCC:36~72VDCD:72~144VDCor85~132VAC
75%
6.8A/24V
6.8A/24V
77%
3.4A/48V
3.4A/48V
79%
2.7A/96V
2.7A/96V
77%
80%
82%
D:22.5A/96VDC
<0.75mA /120VAC(SD-150D)
105~135% ratedoutputpower
16.8V~20V/10%LOAD
31.5~37.5V/10%LOAD
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
199*110*50mm(L*W*H)
0.86Kg;16pcs/14.5Kg/0.95CUFT
FileName:SD-150-SPEC2010-07-27
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
IEC60950-1CBapprovedby TUV(forDtypeonly)
Complianceto
ight
EN61000-4-2,3,4,6,8;ENV50204,l
industrylevel,criteria A
SAFETY STANDARDS
296.2Khrsmin.(SD-150B)289.9Khrsmin.(SD-150C)289KHrsmin.(SD-150D)MIL-HDBK-217F(25
)
150WSingleOutputDC-DCConverter
2:1 wide input range
Protections: Short circuit / Overload / Over voltage
1500VAC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
24V and 48V input voltage design refer to LVD
Low cost
High reliability
2 years warranty
Features :
S D - 1 5 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
(for D type only)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn