Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1406G Fiches technique(PDF) 24 Page - Semtech Corporation

No de pièce SC1406G
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G Fiches technique(HTML) 24 Page - Semtech Corporation

Back Button SC1406G Datasheet HTML 20Page - Semtech Corporation SC1406G Datasheet HTML 21Page - Semtech Corporation SC1406G Datasheet HTML 22Page - Semtech Corporation SC1406G Datasheet HTML 23Page - Semtech Corporation SC1406G Datasheet HTML 24Page - Semtech Corporation SC1406G Datasheet HTML 25Page - Semtech Corporation SC1406G Datasheet HTML 26Page - Semtech Corporation SC1406G Datasheet HTML 27Page - Semtech Corporation SC1406G Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Output Ripple Voltage @ V
IN = 6.0V
Output Ripple Voltage @ V
IN = 18V
Figure 16 - V
OUT = 1.6V, IOUT = 2.0A
Figure 17 - V
OUT = 1.6V, IOUT = 12.0A
Figure 18 - V
OUT = 1.6V, IOUT = 2.0A
Figure 19 - V
OUT = 1.6V, IOUT = 12.0A


Numéro de pièce similaire - SC1406G

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406ACTS SEMTECH-SC1406ACTS Datasheet
175Kb / 17P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406TS SEMTECH-SC1406TS Datasheet
109Kb / 11P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
More results

Description similaire - SC1406G

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
   Power Supply Controller for Portable Pentium III SpeedStep Processors
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
   PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
logo
Analog Devices
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
   5-Bit Programmable Synchronous Controller for Pentium III Processors
REV. A
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
logo
AAEON Technology
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
   Intel Pentium III or Celeron Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com