Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

742861118 Fiches technique(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 742861118
Description  Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742861118 Fiches technique(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742861118 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742861118 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742861118 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
Die Verpackung ist bezogen auf die internationale Norm
IEC 60286 -3:2007
Packaging is referred to the international standard
IEC 60286 -3:2007
Bauform /
size
Bandbreite /
band width
VPE
Teilenummer/
Part no.
0603
8mm
4000
742 86x xxx
Refer to the Würth Elektronik eiSos STANDARD REFLOW SOLDER PROFILE
SMu
Version 2
09-08-13
SMU
Version 1
09-01-15
Name
Änderung / modification
Datum / date
Freigabe erteilt / general release:
Kunde / customer
...........................................................................
.........................................................................
Würth Elektronik
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
DATUM / DATE : 2009-08-13
I Rollenspezifikation / Tape & Reel specification :
http://www.we-online.com
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Datum / date
Unterschrift / signature
J Lötprofil / Solder specification :
...........................................................................
.........................................................................
Artikelnummer / part number :
742861118
Gurt Material /
tape material
paper
Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
Spezifikation für Freigabe / specification for release
Kunde / customer :
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
SEITE 3 VON 3


Numéro de pièce similaire - 742861118

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
742861160 WURTH-742861160 Datasheet
122Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
More results

Description similaire - 742861118

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
742841160 WURTH-742841160 Datasheet
121Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742841210 WURTH-742841210 Datasheet
121Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742861160 WURTH-742861160 Datasheet
122Kb / 3P
   Multilayer-SMD-Ferrit WE-CBF HF (HighFrequency)
742863147 WURTH-742863147 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863122 WURTH-742863122 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742862160 WURTH-742862160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742861210 WURTH-742861210 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863160 WURTH-742863160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
744045006 WURTH-744045006 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045471 WURTH-744045471 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com