Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCDA15TB Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce LCDA15TB
Description  Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA15TB Fiches technique(HTML) 5 Page - Semtech Corporation

  LCDA15TB Datasheet HTML 1Page - Semtech Corporation LCDA15TB Datasheet HTML 2Page - Semtech Corporation LCDA15TB Datasheet HTML 3Page - Semtech Corporation LCDA15TB Datasheet HTML 4Page - Semtech Corporation LCDA15TB Datasheet HTML 5Page - Semtech Corporation LCDA15TB Datasheet HTML 6Page - Semtech Corporation LCDA15TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LCDA05 THRU LCDA24
Applications Information
Device Connection for Protection of Two High-Speed
Data Lines
The LCDAxx is designed to protect up to two high-speed
data lines. The LCDAxx utilizes a low capacitance
compensation diode in series with, but in opposite
polarity to a TVS diode in each line. The resulting
capacitance is less than 5pF per line. Each line will
only suppress transient events in one polarity. There-
fore, to achieve protection in both positive and nega-
tive polarity, a second TVS/rectifier pair is connected in
anti-parallel to the first. Pins 1, 2, 7, and 8 are used to
protect one data line. Pins 3, 4, 5, and 6 are used to
protect the second data line.
The device is connected as follows:
l
Pins 1 & 2 are tied together and pins 7 & 8 are tied
together providing the protection circuit for one I/O
line. Pins 3 & 4 are tied together and pins 5 & 6
are tied together providing the protection circuit for
the second I/O line. Since the device is electrically
symmetrical, either side of the connected pairs
may be used to protect the lines. The other side of
the pair is used to make the ground connection.
The ground connections should be made directly to
the ground plane for best results. The path length
is kept as short as possible to reduce the effects
of parasitic inductance in the board traces.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
l
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
l
Minimize the path length between the TVS and the
protected line.
l
Minimize all conductive loops including power and
ground loops.
l
The ESD transient return path to ground should be
kept as short as possible.
l
Never run critical signals near board edges.
l
Use ground planes whenever possible.
I/O 1
I/O 2
I/O 1
I/O 2
1
2
3
45
6
7
8
1
2
3
45
6
7
8
Line 1
In/Out
Line 1
Ground
Line 2
In/Out
Line 2
Ground
From Connector
To Protected
Device
1
2
3
45
6
7
8
Line 1
In/Out
Ground
Line 2
In/Out
From Connector
To Protected
Device
Connection Options
I/O Line Protection
LCDA Connection Diagram


Numéro de pièce similaire - LCDA15TB

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA15 SEMTECH-LCDA15 Datasheet
164Kb / 8P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Sangdest Microelectroni...
LCDA15 SMC-LCDA15 Datasheet
151Kb / 4P
   ESD
logo
Shanghai Leiditech Elec...
LCDA15 LEIDITECH-LCDA15 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Semtech Corporation
LCDA15.C-6TBT SEMTECH-LCDA15.C-6TBT Datasheet
177Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Tranciever Protection
LCDA15.T SEMTECH-LCDA15.T Datasheet
164Kb / 8P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Description similaire - LCDA15TB

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC03 LEIDITECH-SM8LC03 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12 LEIDITECH-LCDA12 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24C-4 LEIDITECH-LCDA24C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC05 LEIDITECH-SM8LC05 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SMDA08C LEIDITECH-SMDA08C Datasheet
712Kb / 4P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com