Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCDA12C-8TE Fiches technique(PDF) 6 Page - Semtech Corporation

No de pièce LCDA12C-8TE
Description  Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA12C-8TE Fiches technique(HTML) 6 Page - Semtech Corporation

  LCDA12C-8TE Datasheet HTML 1Page - Semtech Corporation LCDA12C-8TE Datasheet HTML 2Page - Semtech Corporation LCDA12C-8TE Datasheet HTML 3Page - Semtech Corporation LCDA12C-8TE Datasheet HTML 4Page - Semtech Corporation LCDA12C-8TE Datasheet HTML 5Page - Semtech Corporation LCDA12C-8TE Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LCDA12C-8 & LCDA15C-8
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
E
T
.
8
-
C
2
1
A
D
C
LV
2
10
0
5
,
2h
c
n
I
3
1
E
T
.
8
-
C
5
1
A
D
C
LV
5
10
0
5
,
2h
c
n
I
3
1
Ordering Information
Note:
(1) No suffix indicates tube pack.


Numéro de pièce similaire - LCDA12C-8TE

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA12C-8 SEMTECH-LCDA12C-8 Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
logo
Socay Electornics Co., ...
LCDA12C-8 SOCAY-LCDA12C-8 Datasheet
271Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
UN Semiconducctor INC
LCDA12C-8 UNSEMI-LCDA12C-8 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Semtech Corporation
LCDA12C-8.T SEMTECH-LCDA12C-8.T Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
More results

Description similaire - LCDA12C-8TE

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA12C-8 SEMTECH-LCDA12C-8_05 Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
LCDA15C-6 SEMTECH-LCDA15C-6 Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA15C-6 SEMTECH-LCDA15C-6_06 Datasheet
177Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Tranciever Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA0905CT6 LEIDITECH-ESDA0905CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com