Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC3484IRKDT Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC3484IRKDT
Description  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDT Fiches technique(HTML) 5 Page - Texas Instruments

  DAC3484IRKDT Datasheet HTML 1Page - Texas Instruments DAC3484IRKDT Datasheet HTML 2Page - Texas Instruments DAC3484IRKDT Datasheet HTML 3Page - Texas Instruments DAC3484IRKDT Datasheet HTML 4Page - Texas Instruments DAC3484IRKDT Datasheet HTML 5Page - Texas Instruments DAC3484IRKDT Datasheet HTML 6Page - Texas Instruments DAC3484IRKDT Datasheet HTML 7Page - Texas Instruments DAC3484IRKDT Datasheet HTML 8Page - Texas Instruments DAC3484IRKDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
DAC3484
www.ti.com
SLAS749A
– MARCH 2011 – REVISED JULY 2011
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SCLK
A31
I
Serial interface clock. Internal pull-down.
SDENB
B28
I
Active low serial data enable, always an input to the DAC3484. Internal pull-up.
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional 4-pin mode. Internal
SDIO
A30
I/O
pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode
SDO
B27
O
(default).
SLEEP
B40
I
Active high asynchronous hardware power-down input. Internal pull-down.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
Optional LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
B30
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to
“1” or pull CMOS
TXENABLE
A32
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to
“0” and pull CMOS TXENABLE pin to low. The DAC
output is forced to midscale.
TESTMODE
A44
I
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
B4
I
DACVDD for normal operation.
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE(2)(3)
TRANSPORT MEDIA
QUANTITY
DAC3484IRKDT
250
–40°C to 85°C
RKD / 88 WQFN Quad Flatpack No-Lead
Tape and Reel
DAC3484IRKDR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Thermal Pad Size: 6.4 mm x 6.4 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
Copyright
© 2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - DAC3484IRKDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

Description similaire - DAC3484IRKDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com