Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS20001C Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS20001C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS20001C Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS20001C Datasheet HTML 2Page - Texas Instruments TPS20001C Datasheet HTML 3Page - Texas Instruments TPS20001C Datasheet HTML 4Page - Texas Instruments TPS20001C Datasheet HTML 5Page - Texas Instruments TPS20001C Datasheet HTML 6Page - Texas Instruments TPS20001C Datasheet HTML 7Page - Texas Instruments TPS20001C Datasheet HTML 8Page - Texas Instruments TPS20001C Datasheet HTML 9Page - Texas Instruments TPS20001C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
9-ms
Deglitch
IN
GND
OUT
FLT
Current
Sense
(Disabled+
UVLO)
OTSD
CS
EN or
EN
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
DEVICE INFORMATION
PIN FUNCTIONS
NAME
PINS
DESCRIPTION
8-PIN PACKAGE
EN or EN
4
Enable input, logic high turns on power switch
GND
1
Ground connection
IN
2, 3
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to GND close
to the IC
FLT
5
Active-low open-drain output, asserted during over-current, or over-temperature conditions
OUT
6, 7, 8 Power-switch output, connect to load
PowerPAD
PAD
Internally connected to GND. Connect PAD to GND plane as a heatsink for the best thermal performance.
(DGN ONLY)
PAD may be left floating if desired. See POWER DISSIPATION AND JUNCTION TEMPERATURE section
for guidance.
5-PIN PACKAGE
EN or EN
4
Enable input, logic high turns on power switch
GND
2
Ground connection
IN
5
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to GND close
to the IC
FLT
3
Active-low open-drain output, asserted during over-current, or over-temperature conditions
OUT
1
Power-switch output, connect to load.
6
Copyright © 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS20001C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
Texas Instruments
TPS2000C TI1-TPS2000C Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2000CDGK TI1-TPS2000CDGK Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2000CDGK TI1-TPS2000CDGK Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS20001C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com