Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65835RKPR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65835RKPR
Description  Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65835RKPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS65835RKPR Datasheet HTML 2Page - Texas Instruments TPS65835RKPR Datasheet HTML 3Page - Texas Instruments TPS65835RKPR Datasheet HTML 4Page - Texas Instruments TPS65835RKPR Datasheet HTML 5Page - Texas Instruments TPS65835RKPR Datasheet HTML 6Page - Texas Instruments TPS65835RKPR Datasheet HTML 7Page - Texas Instruments TPS65835RKPR Datasheet HTML 8Page - Texas Instruments TPS65835RKPR Datasheet HTML 9Page - Texas Instruments TPS65835RKPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
TPS65835
SLVSAF6
– JUNE 2011
www.ti.com
List of Tables
1-1
Pin Descriptions
................................................................................................................... 9
1-2
Pin Absolute Maximum Ratings
................................................................................................ 10
2-1
nCHG_STAT Functionality
...................................................................................................... 22
2-2
VLDO_SET Functionality
........................................................................................................ 22
2-3
H-Bridge States from Inputs
.................................................................................................... 25
2-4
Scaling Resistors for COMP Pin Function (VVLDO = 2.2 V) ................................................................. 27
2-5
Scaling Resistors for COMP Pin Function (VVLDO = 3.0 V) ................................................................. 27
2-6
SW_SEL Settings
................................................................................................................ 27
3-1
Internally Connected Pins: MSP430 to Power Management Core
........................................................ 50
3-2
Externally Available MSP430 Pins
............................................................................................. 51
3-3
Internal MSP430 Pin Functions and Programming Options
................................................................ 52
3-4
External MSP430 Port 1 Functions and Programming Options
............................................................ 53
3-5
External MSP430 Port 2 Functions and Programming Options
............................................................ 54
3-6
External MSP430 Port 3 Functions and Programming Options
............................................................ 55
4-1
Recommended RFB1 and RFB2 Values (for IQ(FB) = 5 µA) .................................................................... 57
6
List of Tables
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS65835RKPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65835RKPR TI1-TPS65835RKPR Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
More results

Description similaire - TPS65835RKPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65735 TI1-TPS65735_16 Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
Active-Semi, Inc
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com