Moteur de recherche de fiches techniques de composants électroniques |
|
U10A2CIC Fiches technique(PDF) 1 Page - KEC(Korea Electronics) |
|
U10A2CIC Fiches technique(HTML) 1 Page - KEC(Korea Electronics) |
1 / 2 page 2007. 5. 21 1/2 SEMICONDUCTOR TECHNICAL DATA U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE Revision No : 0 SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION. FEATURES Ultra-Fast Recovery Time for High Efficiency. Low Forward Voltage Drop, High Current Capability, and Low Power Loss. APPLICATION Switching Power Supply. Home Appliances, Office Equipment. Telecommunication, Factory Automation. DIM MILLIMETERS TO-220IS 0.76+0.09/-0.05 A B C D E F G 0.5+0.1/-0.05 H 1.2+0.25/-0.1 1.5+0.25/-0.1 J K L M N P Q R 1 2 3 L N M D N H E R L S 0.5 Typ S D A C 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ Φ3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. ANODE 2. CATHODE 3. ANODE ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC SYMBOL RATING UNIT Maximum Reverse Voltage VRM 200 V Average Output Rectified Current (Tc=125 ) (Note1) IO 10 A Peak One Cycle Surge Forward Current (Non-Repetitive) IFSM 50 (50Hz) A 60 (60Hz) Junction Temperature Tj -40~150 Storage Temperature Range Tstg -40~150 CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Peak Forward Voltage (Note2) VFM IFM=5A - - 0.98 V Reverse Current (Note2) IRM VRM=Rated - - 10 A Reverse Recovery Time (Note2) trr IF=IR=100mA - - 50 ns Thermal Resistance (Note2) Rth(j-c) Junction to Case - - 3.6 /W (Note1) : Average forward current of centertap full wave connection. (Note2) : A Value of one cell. 3 1 2 MAXIMUM RATINGS (Ta=25 ) POLARITY |
Numéro de pièce similaire - U10A2CIC |
|
Description similaire - U10A2CIC |