Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1423 Datasheet(Fiches technique) 2 Page - KEC(Korea Electronics)

Numéro de pièce KTB1423
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1423 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1423 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1423 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTB1423
Revision No : 2
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-0.5
-3
-1
-0.3
-0.1
COLLECTOR CURRENT I
(A)
C
V
, V
- I
h
- I
C
COLLECTOR CURRENT I
(A)
-0.1
-0.3
-1
-3
100
10
-100
-10
-1
-0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
, C
- V
, V
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
-3
-10
-300
-0.01
R
- t
w
PULSE WIDTH t
(S)
10
0.1
FE
C
-10
300
500
1k
3k
5k
10k
V
=-3V
CE
CE(sat)
BE(sat),
C
-10
-20
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
I /I =250
C
B
VBE(sat)
CE(sat)
V
ob
ib
CB
EB
EB
EMITTER-BASE VOLTAGE V
(V)
-30
-3
-0.3
30
50
100
300
500
1k
f=1MHz
C ib
ob
C
-30
-100
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-10
-20
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
*
I
MAX.(PULSED)
C
*
C
I
MAX.
(CONTINUOUS)
DC OPERATION
Tc=25 C
100
µS
1mS
10mS *
*
*
th(t)
w
Ta=25 C NO HEAT SINK
Tc=25 C INFINITE HEAT SINK
1
2
-3
-2
10
-1
10
0
10
1
10
2
10
0.3
1
3
10
30
100
1
2
25
50
75
100
125
150
175
5
10
15
20
25
30
35
Tc=Ta
INFINITE HEAT SINK
NO HEAT SINK
1
2
1
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn