Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N918 Fiches technique(PDF) 1 Page - Semicoa Semiconductor

No de pièce 2N918
Description  Type 2N918 Geometry 0013 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMICOA [Semicoa Semiconductor]
Site Internet  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N918 Fiches technique(HTML) 1 Page - Semicoa Semiconductor

  2N918 Datasheet HTML 1Page - Semicoa Semiconductor 2N918 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N918
Geometry 0013
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N918
Generic Part Number:
2N918
REF: MIL-PRF-19500/301
Features:
• General-purpose low-power NPN
silicon transistor.
• Housed in TO-72 case.
• Also available in chip form using
the 0013 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/301 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter voltage
VCEO
15
V
Collector-Base Voltage
VCBO
30
V
Emitter-Base voltage
VEBO
3.0
V
Collector Current, Continuous
IC
50
mA
Power Dissipation, TA = 25
oC
200
mW
Derate above 25
oC
1.14
mW/
oC
Power Dissipation, TA = 25
oC
300
mW
Derate above 25
oC
1.71
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
PT
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO-72


Numéro de pièce similaire - 2N918

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
2N918 STMICROELECTRONICS-2N918 Datasheet
115Kb / 5P
   HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
logo
Semicoa Semiconductor
2N918 SEMICOA-2N918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
logo
Advanced Semiconductor
2N918 ASI-2N918 Datasheet
16Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
2N918 CENTRAL-2N918 Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
logo
Microsemi Corporation
2N918 MICROSEMI-2N918 Datasheet
103Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
More results

Description similaire - 2N918

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
2N6989 SEMICOA-2N6989 Datasheet
53Kb / 2P
   Type 2N6989 Geometry 0400 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com