Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA301V Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KRA301V
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA301V Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KRA301V_03 Datasheet HTML 1Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 2Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 3Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 4Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 5Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2003. 12. 23
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRA301V~KRA306V
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. COMMON (EMITTER)
2. IN (BASE)
3. OUT (COLLECTOR)
+_
+_
+_
+_
+_
+_
+_
+_
TYPE NO.
R1(k )
R2(k )
KRA301V
4.7
4.7
KRA302V
10
10
KRA303V
22
22
KRA304V
47
47
KRA305V
2.2
47
KRA306V
4.7
47
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRA301V 306V
VO
-50
V
Input Voltage
KRA301V
VI
-20, 10
V
KRA302V
-30, 10
KRA303V
-40, 10
KRA304V
-40, 10
KRA305V
-12, 5
KRA306V
-20, 5
Output Current
KRA301V 306V
IO
-100
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
TYPE
KRA301V
KRA302V
KRA303V
KRA304V
KRA305V
KRA306V
MARK
PA
PB
PC
PD
PE
PF
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25 )
BIAS RESISTOR VALUES
R1
R2
COMMON(+)
OUT
IN
MARK SPEC
Type Name
Marking


Numéro de pièce similaire - KRA301V_03

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA301V KEC-KRA301V_02 Datasheet
364Kb / 1P
   VSM PACKAGE
More results

Description similaire - KRA301V_03

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com