Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMB6D6N30Q Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KMB6D6N30Q
Description  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D6N30Q Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KMB6D6N30Q Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007. 3. 22
2/5
KMB6D6N30Q
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note 1) Pulse test : Pulse width
300
, Duty Cycle
2%.
Note 2) Guaranteed by design. Not subject to production testing.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250 A, VGS=0V,
30
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=24V
-
-
1
A
Gate Leakage Current
IGSS
VGS= 20V, VDS=0V
-
-
100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
1.0
1.7
2.5
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=6A
(Note 1)
-
20
28
m
VGS=4.5V, ID=3A
(Note 1)
-
42
56
ON State Drain Current
ID(ON)
VGS=10V, VDS=5V
(Note 1)
20
-
-
A
Forward Transconductance
gfs
VDS=5V, ID=6A
(Note 1)
-
8
-
S
Source-Drain Diode Forward Voltage
VSD
IS=1.7A, VGS=0V
(Note 1)
-
0.79
1.2
V
Dynamic (Note 2)
Total Gate Charge
Qg
VDS=15V, ID=6A, VGS=10V (Fig.1)
-
13.5
-
nC
VDS=15V, ID=6A, VGS=4.5V (Fig.1)
-
7.1
-
Gate-Source Charge
Qgs
VDS=15V, ID=6A, VGS=4.5V (Fig.1)
-
3
-
Gate-Drain Charge
Qgd
-
2.8
-
Turn-on Delay time
td(on)
VDD=15V, ID=1A,
VGS=10V, RG=10
(Fig.2)
-
12.7
-
ns
Turn-on Rise time
tr
-
4.1
-
Turn-off Delay time
td(off)
-
19.4
-
Turn-off Fall time
tf
-
12.9
-
Input Capacitance
Ciss
VDS=15V, VGS=0V, f=1.0MHz
-
630
-
pF
Output Capacitance
Coss
-
170
-
Reverse transfer Capacitance
Crss
-
110
-


Numéro de pièce similaire - KMB6D6N30Q

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KMB6D6N30 KEC-KMB6D6N30 Datasheet
371Kb / 1P
   FLP-8 PACKAGE
More results

Description similaire - KMB6D6N30Q

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com