Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5V49EE702NDGI Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce 5V49EE702NDGI
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE702NDGI Fiches technique(HTML) 6 Page - Integrated Device Technology

Back Button 5V49EE702NDGI Datasheet HTML 2Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 3Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 4Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 5Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 6Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 9Page - Integrated Device Technology 5V49EE702NDGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
IDT5V49EE702
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
6
IDT5V49EE702
REV F 022310
Reference Clock Input Pins and
Selection
The IDT5V49EE702 supports up to two clock inputs. One of
the clock inputs (XIN/ REF) can be driven by either an
external crystal or a reference clock. The second clock input
(CLKIN) can only be driven from an external reference
clock. The CLKSEL pin selects the input clock from either
XTAL/REF or CLKIN.
Either clock input can be set as the primary clock. The
primary clock designation is to establish which is the main
reference clock to the PLLs. The non-primary clock is
designated as the secondary clock in case the primary clock
goes absent and a backup is needed. The PRIMSRC bit
(0xBE through 0xC3) determines which clock input will be
selected as primary clock. When PRIMSRC bit is "0",
XIN/REF is selected as the primary clock, and when "1",
CLKIN as the primary clock.
The two external reference clocks can be manually selected
using the CLKSEL pin. The SM bits (0xBE through 0xC3)
must be set to "0x" for manual switchover which is detailed
in SWITCHOVER MODES section.
Crystal Input (XIN/REF)
The crystal used should be a fundamental mode quartz
crystal; overtone crystals should not be used.
When the XIN/REF pin is driven by a crystal, it is important
to set the internal inverter oscillator drive strength and
tuning/load capacitor values correctly to achieve the best
clock performance. These values are programmable
through I2C interface to allow for maximum compatibility
with crystals from various manufacturers, processes,
performances, and qualities. The internal load capacitors
are true parallel-plate capacitors for ultra-linear
performance. Parallel-plate capacitors were chosen to
reduce the frequency shift that occurs when non-linear load
capacitance interacts with load, bias, supply, and
temperature changes. External non-linear crystal load
capacitors should not be used for applications that are
sensitive to absolute frequency requirements. The value of
the internal load capacitors are determined by XTAL[4:0]
bits. The load capacitance can be set with a resolution of
0.125 pF for a total crystal load ranging from 3.5 pF to 7.5
pF. Check with the crystal vendor's load capacitance
specification for the exact setting to tune the internal load
capacitor. The following equation governs how the total
internal load capacitance is set.
XTAL load cap = 3.5 pF + XTAL[4:0] * 0.125 pF (Eq. 1)
When using an external reference clock instead of a crystal
on the XTAL/REF pin, the input load capacitors may be
completely bypassed. This allows for the input frequency to
be up to 200 MHz. When using an external reference clock,
the XOUT pin must be left floating, XTAL must be
programmed to the default value of “00h”, and the crystal
drive strength bit, XDRV (0x06), must be set to the default
value of “11h”.
Switchover Modes
The IDT5V49EE702 features redundant clock inputs which
supports both Automatic and Manual switchover mode.
These two modes are determined by the configuration bits,
SM (0xBE through 0xC3). The primary clock source can be
programmed, via the PRIMSRC bit, to be either XIN/REF or
CLKIN. The other clock input will be considered as the
secondary source. Note that the switchover modes are
asynchronous. If the reference clocks are directly routed to
OUTx with no phase relationship, short pulses can be
generated during switchover. The automatic switchover
mode will work only when the primary clock source is
XIN/REF. Switchover modes are not supported for crystal
input configurations.
Manual Switchover Mode
When SM[1:0] is "0x", the redundant inputs are in manual
switchover mode. In this mode, CLKSEL pin is used to
switch between the primary and secondary clock sources.
As previously mentioned, the primary and secondary clock
source setting is determined by the PRIMSRC bit. During
the switchover, no glitches will occur at the output of the
device, although there may be frequency and phase drift,
depending on the exact phase and frequency relationship
between the primary and secondary clocks.
Automatic Switchover Mode
The redundant inputs are in automatic switchover mode.
Automatic switchover mode has revertive functionality. The
input clock selection will switch to the secondary clock
source when there are no transitions on the primary clock
source for two secondary clock cycles. If both reference
Parameter
Bits
Step (pF)
Min (pF)
Max (pF)
XTAL
8
0.125
0
4


Numéro de pièce similaire - 5V49EE702NDGI

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
5V49EE702NDGI IDT-5V49EE702NDGI Datasheet
362Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE702NDGI RENESAS-5V49EE702NDGI Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
5V49EE702NDGI8 IDT-5V49EE702NDGI8 Datasheet
362Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE702NDGI8 RENESAS-5V49EE702NDGI8 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Description similaire - 5V49EE702NDGI

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com