Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3500L Fiches technique(PDF) 1 Page - Semicoa Semiconductor

No de pièce 2N3500L
Description  Type 2N3500L Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMICOA [Semicoa Semiconductor]
Site Internet  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3500L Fiches technique(HTML) 1 Page - Semicoa Semiconductor

  2N3500L Datasheet HTML 1Page - Semicoa Semiconductor 2N3500L Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N3500L
Geometry 5620
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N3500L
Generic Part Number:
2N3500
REF: MIL-PRF-19500/366
Features:
• General-purpose silicon transistor
for switching and amplifier appli-
cations.
• Housed in TO-5 case.
• Also available in chip form using
the 5620 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/366 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter voltage
VCEO
150
V
Collector-Base Voltage
VCBO
150
V
Emitter-Base voltage
VEBO
6.0
V
Collector Current, Continuous
IC
300
mA
Power Dissipation, TA = 25
oC
5.0
mW
Derate above 25
oC
28.8
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PD
TO-5


Numéro de pièce similaire - 2N3500L

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3500L SEMICOA-2N3500L Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3500L MICROSEMI-2N3500L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3500L SEMICOA-2N3500L Datasheet
110Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3500L MICROSEMI-2N3500L Datasheet
111Kb / 3P
   RADIATION HARDENED
logo
Semicoa Semiconductor
2N3500L SEMICOA-2N3500L_04 Datasheet
110Kb / 2P
   Silicon NPN Transistor
More results

Description similaire - 2N3500L

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
2N3498 SEMICOA-2N3498 Datasheet
47Kb / 2P
   Type 2N3498 Geometry 5620 Polarity NPN
2N3499 SEMICOA-2N3499 Datasheet
46Kb / 2P
   Type 2N3499 Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
2C3501 SEMICOA-2C3501 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com