Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3211TSN19A Fiches technique(PDF) 6 Page - KEC(Korea Electronics)

No de pièce KIC3211TSN19A
Description  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN19A Fiches technique(HTML) 6 Page - KEC(Korea Electronics)

Back Button KIC3211TSN19A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 9Page - KEC(Korea Electronics) KIC3211TSN19A Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2010. 2. 10
6/10
KIC3211 Series
Revision No : 0
OUTPUT CURRENT IOUT (mA)
1.2
0.8
1.0
1.4
0.2
0.0
0.6
0.4
0100
200
300
400
500
KIC3211XX12
2.5V
2.2V
3.5V
1.7V
1.0
0.8
0.7
1.1
0.9
1.2
1.4
1.3
3
12
456
OUTPUT CURRENT IOUT (mA)
INPUT VOLTAGE VIN (V)
4.0
3.0
3.5
4.5
1.5
1.0
0.5
0.0
2.5
2.0
0100
200
300
400
500
KIC3211XX40
KIC3211XX12
5.0V
4.5V
6.0V
4.3V
OUTPUT CURRENT IOUT (mA)
1.2
0.8
1.0
1.4
0.0
0.6
0.4
0100
200
300
400
500
KIC3211XX28
3.8V
3.5V
4.8V
3.1V
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
2.5
2.3
2.2
2.1
2.0
2.6
2.4
2.7
2.9
2.8
4
23
56
INPUT VOLTAGE VIN (V)
KIC3211XX28
TYPICAL CHARACTERISTICS
1) OUTPUT VOLTAGE vs OUTPUT CURRENT (TOPR = 25℃)
2) OUTPUT VOLTAGE vs INPUT VOLTAGE (TOPR = 25℃)


Numéro de pièce similaire - KIC3211TSN19A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

Description similaire - KIC3211TSN19A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com