Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE12S0A0V06PNFA Fiches technique(PDF) 9 Page - Delta Electronics, Inc.

No de pièce NE12S0A0V06PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA Fiches technique(HTML) 9 Page - Delta Electronics, Inc.

Back Button NE12S0A0V06PNFA_08 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 10Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 11Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 12Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_NE12S06A_10032008
9
THERMAL CURVES (VERTICAL)
Figure 26:
Temperature measurement location* The allowed
maximum hot spot temperature is defined at 113
NE12S0A0V06(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=0.9V (Either Orientation)
0
1
2
3
4
5
6
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
200LFM
Output Current (A)
Ambient Temperature (℃)
300LFM
400LFM
100LFM
Figure 27:
Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=0.9V (Either Orientation)
NE12S0A0V06(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=2.5V (Either Orientation)
0
1
2
3
4
5
6
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
300LFM
Output Current (A)
Ambient Temperature (℃)
400LFM
500LFM
100LFM
200LFM
Figure 28:
Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=2.5V (Either Orientation)
THERMAL CONSIDERATION
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
MODULE
AIR FLOW
11 (0.43”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
22 (0.87”)
Note: Wind tunnel test setup figure dimensions are in
millimeters and (Inches)
Figure 25:
Wind tunnel test setup


Numéro de pièce similaire - NE12S0A0V06PNFA_08

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Description similaire - NE12S0A0V06PNFA_08

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com