Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZTX753DCSM Fiches technique(PDF) 1 Page - Seme LAB

No de pièce ZTX753DCSM
Description  PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

ZTX753DCSM Fiches technique(HTML) 1 Page - Seme LAB

  ZTX753DCSM Datasheet HTML 1Page - Seme LAB ZTX753DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZTX753DCSM
Prelim. 7/00
Issue 3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PNP DUAL TRANSISTOR IN A
HERMETICALLY SEALED CERAMIC
SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• DUAL SILICON PLANAR PNP
TRANSISTORS
• HERMETIC SURFACE MOUNT PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVEL OPTIONS
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
ICM
Peak Pulse Current
IC
Continuous Collector Current
PTOT
Power Dissipation @ Tamb = 25°C
Derate above 25°C
TjTSTG
Operating And Storage Temperature Range
RqJ-A
Junction - Ambient Thermal Resistance
-120V
-100V
-5V
-6A
-2A
1W
8mW/°C
–55 to 150°C
125°C/W
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS PER SIDE (TC = 25°C unless otherwise stated)
LCC2 PACKAGE
Underside View
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N2907ADCSM DUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
ZTX653DCSM NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2894ACSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2894CSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N5415CSM4 PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2907ACSM HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N3209CSM HIGH SPEED PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
BCX17CSM GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N3637CSM PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N3700DCSM HIGH VOLTAGE MEDIUM POWER NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn