Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDV214 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KDV214
Description  USC PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV214 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KDV214 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KDV214
2008. 9. 11
1/1
MARKING SPECIFICATION
USC PACKAGE
Revision No :0
1. Marking method
Laser Marking
2. Marking
UO
2
1
No.
Item
Marking
Description
Device Mark
UO
KDV214
hFE Grade
-
-
* Lot No.
01
2006. 1st Week
[0:1st Character, 1:2nd Character]
Note) * Lot No. marking method
Character
arrangement
1 st Character
1
(A)
2
(B)
3
(C)
4
(D)
5
(E)
6
(F)
7
(G)
8
(H)
9
(I)
0
(J)
2nd Character
A
(1)
B
(2)
C
(3)
D
(4)
E
(5)
F
(6)
G
(7)
H
(8)
I
(9)
J
(0)
Year
Marking (Week)
Periode (Year)
Remark
1 st Year (2006)
01
02
51
52
2006-2010-2014...
Rotation for 4 years
2 nd Year (2007)
0A
0B
5A
5B
2007-2011-2015...
3 rd Year (2008)
J1
J2
E1
E2
2008-2012-2016...
4 th Year (2009)
JA
JB
EA
EB
2009-2013-2017...


Numéro de pièce similaire - KDV214

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDV214 KEC-KDV214 Datasheet
358Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
logo
Guangdong Kexin Industr...
KDV214 KEXIN-KDV214 Datasheet
34Kb / 1P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDV214A KEC-KDV214A Datasheet
349Kb / 1P
   USC PACKAGE
KDV214A KEC-KDV214A_15 Datasheet
368Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E Datasheet
355Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
More results

Description similaire - KDV214

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDR367 KEC-KDR367_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDS4148U KEC-KDS4148U_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDZ4.7V KEC-KDZ4.7V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ22V KEC-KDZ22V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ100V KEC-KDZ100V Datasheet
21Kb / 1P
   USC PACKAGE
KDR728 KEC-KDR728_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDR729 KEC-KDR729_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ2.4V KEC-KDZ2.4V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ15V KEC-KDZ15V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDV300 KEC-KDV300 Datasheet
349Kb / 1P
   USC PACKAGE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com