Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U0402FC08C Fiches technique(PDF) 1 Page - Protek Devices

No de pièce U0402FC08C
Description  250w unbumped flip chip tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC08C Fiches technique(HTML) 1 Page - Protek Devices

  U0402FC08C Datasheet HTML 1Page - Protek Devices U0402FC08C Datasheet HTML 2Page - Protek Devices U0402FC08C Datasheet HTML 3Page - Protek Devices U0402FC08C Datasheet HTML 4Page - Protek Devices U0402FC08C Datasheet HTML 5Page - Protek Devices U0402FC08C Datasheet HTML 6Page - Protek Devices U0402FC08C Datasheet HTML 7Page - Protek Devices U0402FC08C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05149.R6 2/11
Page 1
U0402FC3.3C - U0402FC36C
250w UnbUmPed FliP ChiP tvs aRRay
desCRiPtion
The U0402FCxxC Series Flip Chips employ advanced silicon P/N junction technology for unmatched board-level
transient voltage protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). Developed
specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4 requirements. These
devices are ideally suited for handheld devices, PCMCIA and SMART cards.
This series provides ESD protection greater than 25 kilovolts with a peak pulse power dissipation of 250 Watts per
line for an 8/20µs waveform. In addition, the U0402FCxxC series features superior clamping performance, low leak-
age current characteristics and a response time of less than a nanosecond. Their low inductance virtually eliminates
overshoot voltage due to package inductance.
FeatURes
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration and Monolithic Structure
• Protection for 1 Line
• RoHS Compliant
• REACH Compliant
meChaniCal ChaRaCteRistiCs
• Standard EIA Chip Size: 0402
• Approximate Weight: 0.73 milligrams
• Lead-Free Plating
• Solder Reflow Temperature:
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Plastic Tape per EIA Standard 481
aPPliCations
• Cellular Phones
• MCM Boards
• Wireless Communication Circuits
• IR LEDs
• SMART & PCMCIA Cards
U0402 PaCkage
Pin ConFigURation


Numéro de pièce similaire - U0402FC08C

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
U0402FC08C PROTEC-U0402FC08C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0402FC08C PROTEC-U0402FC08C Datasheet
569Kb / 8P
   250W UMBUMPED FLIP CHIP TVS ARRAY
More results

Description similaire - U0402FC08C

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com