Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX12 Fiches technique(PDF) 5 Page - Protek Devices

No de pièce CX12
Description  coaxial protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CX12 Fiches technique(HTML) 5 Page - Protek Devices

  CX12_11 Datasheet HTML 1Page - Protek Devices CX12_11 Datasheet HTML 2Page - Protek Devices CX12_11 Datasheet HTML 3Page - Protek Devices CX12_11 Datasheet HTML 4Page - Protek Devices CX12_11 Datasheet HTML 5Page - Protek Devices CX12_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05017.R5 2/11
Page 5
CX12 - CX12LC
PaCKage inFoRMation
outLine DiMensions
DiM
MiLLiMeteRs
inChes
noMinaL
noMinaL
A
30.73
1.21
B
27.94
1.10
C
35.56
1.40
D
27.94
1.10
E
18.29
0.72
F
57.15
2.25
G
18.29
0.72
H
17.78
0.70
I
74.93
2.95
J
82.55
3.25
K
3.81
0.15
notes
1. Mounting holes 0.150” DIA. (3.81mm).
A
B
C
D
E
F
G
H
I
J
K
EQUIPMENT
oRDeRing inFoRMation
Base PaRt nuMBeR
MaRKing
CX12/CX12LC
Part Number, Logo and Date Code


Numéro de pièce similaire - CX12_11

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Description similaire - CX12_11

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
CX12 PROTEC-CX12 Datasheet
76Kb / 3P
   COAXIAL PROTECTOR
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
   COAXIAL PROTECTOR
logo
Bourns Electronic Solut...
1740-15 BOURNS-1740-15 Datasheet
182Kb / 2P
   Coaxial Surge Protector
1740 BOURNS-1740 Datasheet
176Kb / 2P
   Coaxial Surge Protector
1965 BOURNS-1965 Datasheet
397Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
List of Unclassifed Man...
P8AX ETC1-P8AX Datasheet
118Kb / 4P
   Gas Tube Coaxial Surge Protector
logo
Bourns Electronic Solut...
1965-XX-A00 BOURNS-1965-XX-A00 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
1965 BOURNS-1965_09 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com